전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4421AVOA 데이터시트(PDF) 2 Page - Microchip Technology

부품명 TC4421AVOA
상세설명  9A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421AVOA 데이터시트(HTML) 2 Page - Microchip Technology

  TC4421AVOA Datasheet HTML 1Page - Microchip Technology TC4421AVOA Datasheet HTML 2Page - Microchip Technology TC4421AVOA Datasheet HTML 3Page - Microchip Technology TC4421AVOA Datasheet HTML 4Page - Microchip Technology TC4421AVOA Datasheet HTML 5Page - Microchip Technology TC4421AVOA Datasheet HTML 6Page - Microchip Technology TC4421AVOA Datasheet HTML 7Page - Microchip Technology TC4421AVOA Datasheet HTML 8Page - Microchip Technology TC4421AVOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TC4421A/TC4422A
DS21946B-page 2
 2005-2013 Microchip Technology Inc.
Functional Block Diagram
Effective
Input
Output
Input
GND
VDD
300 mV
4.7V
TC4421A
C = 25 pF
TC4422A
Inverting
Non-Inverting
130 µA
Cross-Conduction
Reduction and Pre-Drive
Circuitry
Output


유사한 부품 번호 - TC4421AVOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4421AVOA MICROCHIP-TC4421AVOA Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVOA713 MICROCHIP-TC4421AVOA713 Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

유사한 설명 - TC4421AVOA

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com