전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4426A 데이터시트(PDF) 4 Page - Microchip Technology

부품명 TC4426A
상세설명  1.5A Dual High-Speed Power MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426A 데이터시트(HTML) 4 Page - Microchip Technology

  TC4426A_13 Datasheet HTML 1Page - Microchip Technology TC4426A_13 Datasheet HTML 2Page - Microchip Technology TC4426A_13 Datasheet HTML 3Page - Microchip Technology TC4426A_13 Datasheet HTML 4Page - Microchip Technology TC4426A_13 Datasheet HTML 5Page - Microchip Technology TC4426A_13 Datasheet HTML 6Page - Microchip Technology TC4426A_13 Datasheet HTML 7Page - Microchip Technology TC4426A_13 Datasheet HTML 8Page - Microchip Technology TC4426A_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC4426A/TC4427A/TC4428A
DS21423G-page 4
 2002-2012 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
°C
Specified Temperature Range (E)
TA
-40
+85
°C
Specified Temperature Range (V)
TA
-40
+125
°C
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-6x5 DFN
JA
—33.2
°C/W
Thermal Resistance, 8L-MSOP
JA
206
°C/W
Thermal Resistance, 8L-PDIP
JA
125
°C/W
Thermal Resistance, 8L-SOIC
JA
155
°C/W


유사한 부품 번호 - TC4426A_13

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4426ACMF MICROCHIP-TC4426ACMF Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426ACMF713 MICROCHIP-TC4426ACMF713 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
logo
TelCom Semiconductor, I...
TC4426ACOA TELCOM-TC4426ACOA Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426ACOA MICROCHIP-TC4426ACOA Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4426ACOA MICROCHIP-TC4426ACOA Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
More results

유사한 설명 - TC4426A_13

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com