전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6982 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS6982
상세설명  Dual N-Channel, Notebook Power Supply MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6982 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS6982 Datasheet HTML 1Page - Fairchild Semiconductor FDS6982 Datasheet HTML 2Page - Fairchild Semiconductor FDS6982 Datasheet HTML 3Page - Fairchild Semiconductor FDS6982 Datasheet HTML 4Page - Fairchild Semiconductor FDS6982 Datasheet HTML 5Page - Fairchild Semiconductor FDS6982 Datasheet HTML 6Page - Fairchild Semiconductor FDS6982 Datasheet HTML 7Page - Fairchild Semiconductor FDS6982 Datasheet HTML 8Page - Fairchild Semiconductor FDS6982 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FDS6982, Rev. C
Typical Characteristics: Q2
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
0
10
20
30
40
50
012
34
VDS, DRAIN-SOURCE VOLTAGE (V)
VGS = 10V
3.5V
3.0V
4.5V
4.0V
5.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
1020304050
ID, DRAIN CURRENT (A)
VGS = 4.0V
6.0V
5.0V
4.5V
7.0V
10V
0
10
20
30
40
50
12
34
56
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
o
C
25
o
C
125
o
C
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
o
C
25
o
C
-55
o
C
VGS = 0V
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 8.6A
VGS = 10V
0
0.01
0.02
0.03
0.04
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 4.5A
TA = 125
o
C
TA = 25
o
C


유사한 부품 번호 - FDS6982

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS6982

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDQ7698S FAIRCHILD-FDQ7698S Datasheet
299Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com