전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93C86 데이터시트(PDF) 9 Page - Microchip Technology

부품명 93C86
상세설명  8K/16K 5.0V Microwire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86 데이터시트(HTML) 9 Page - Microchip Technology

Back Button 93C86 Datasheet HTML 5Page - Microchip Technology 93C86 Datasheet HTML 6Page - Microchip Technology 93C86 Datasheet HTML 7Page - Microchip Technology 93C86 Datasheet HTML 8Page - Microchip Technology 93C86 Datasheet HTML 9Page - Microchip Technology 93C86 Datasheet HTML 10Page - Microchip Technology 93C86 Datasheet HTML 11Page - Microchip Technology 93C86 Datasheet HTML 12Page - Microchip Technology 93C86 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 1996-2012 Microchip Technology Inc.
DS21132F-page 9
93C76/86
FIGURE 3-7:
ERASE
FIGURE 3-8:
ERAL
11
1
AN
...
A0
TCZ
High-impedance
CS
CLK
DI
DO
Standby
Ready
Busy
TWC
...
Ensure at VCC = +4.5V to +5.5V.
ORG = VCC, 8 X’s
ORG = VSS, 9 X’s
10
01
0
x
x
...
CS
CLK
DI
DO
TEC
TCZ
High-impedance
Busy
Ready
Standby


유사한 부품 번호 - 93C86

제조업체부품명데이터시트상세설명
logo
Microchip Technology
93C86 MICROCHIP-93C86 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93C86-/P MICROCHIP-93C86-/P Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C86-/SN MICROCHIP-93C86-/SN Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C86-E/P MICROCHIP-93C86-E/P Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C86-E/SN MICROCHIP-93C86-E/SN Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
More results

유사한 설명 - 93C86

제조업체부품명데이터시트상세설명
logo
Microchip Technology
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
   8K/16K 1.8V Microwire Serial EEPROM
1996
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com