전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS7760A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS7760A
상세설명  N-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7760A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS7760A Datasheet HTML 1Page - Fairchild Semiconductor FDS7760A Datasheet HTML 2Page - Fairchild Semiconductor FDS7760A Datasheet HTML 3Page - Fairchild Semiconductor FDS7760A Datasheet HTML 4Page - Fairchild Semiconductor FDS7760A Datasheet HTML 5Page - Fairchild Semiconductor FDS7760A Datasheet HTML 6Page - Fairchild Semiconductor FDS7760A Datasheet HTML 7Page - Fairchild Semiconductor FDS7760A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2000
PRELIMINARY
1999 Fairchild Semiconductor Corporation
FDS7760A Rev. B (W)
FDS7760A
N-Channel Logic Level PowerTrench
® MOSFET
General Description
This N-Channel Logic Level MOSFET is produced
using
Fairchild
Semiconductor’s
advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Applications
• DC/DC converter
• Load switch
• Motor drives
Features
• 15 A, 30 V. R
DS(ON)
= 5.5 m
Ω @ V
GS = 10 V
RDS(ON) = 8 m
Ω @ V
GS = 4.5 V.
• Low gate charge (37nC typical)
• Fast switching speed.
• High performance trench technology for extremely
low RDS(ON) .
• High power and current handling capability.
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
15
A
– Pulsed
60
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
50 (10 sec)
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
30
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDS7760A
FDS7760A
13’’
12mm
2500 units


유사한 부품 번호 - FDS7760A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS7764A FAIRCHILD-FDS7764A Datasheet
276Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS7766 FAIRCHILD-FDS7766 Datasheet
121Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS7766S FAIRCHILD-FDS7766S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS7760A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com