전자부품 데이터시트 검색엔진 |
|
AD584JNZ 데이터시트(PDF) 5 Page - Analog Devices |
|
AD584JNZ 데이터시트(HTML) 5 Page - Analog Devices |
5 / 12 page Data Sheet AD584 Rev. C | Page 5 of 12 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Input Voltage VIN to Ground 40 V Power Dissipation at 25°C 600 mW Operating Junction Temperature Range −55°C to +125°C Lead Temperature (Soldering 10 sec) 300°C Thermal Resistance Junction-to-Ambient (H-08A) 150°C/W Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
유사한 부품 번호 - AD584JNZ |
|
유사한 설명 - AD584JNZ |