전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1263-2.8VOATR 데이터시트(PDF) 5 Page - Microchip Technology

부품명 TC1263-2.8VOATR
상세설명  500 mA, Fixed-Output, CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263-2.8VOATR 데이터시트(HTML) 5 Page - Microchip Technology

  TC1263-2.8VOATR Datasheet HTML 1Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 2Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 3Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 4Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 5Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 6Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 7Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 8Page - Microchip Technology TC1263-2.8VOATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21374D-page 5
TC1263
Note: Unless otherwise indicated, VIN = VR + 1.0V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-7:
2.5V VOUT vs. Temperature.
FIGURE 2-8:
5.0V VOUT vs. Temperature.
2.70
2.50
2.30
2.10
1.90
1.70
1.50
-40°C0°C25°C70°C85°C 125°C
TEMPERATURE (°C)
IL = 0.1mA
IL = 300mA
IL = 500mA
5.20
5.10
5.00
4.90
4.80
4.70
4.60
4.50
4.40
4.30
4.20
4.10
4.00
-40°C0°C25°C70°C85°C125°C
TEMPERATURE (°C)
IL = 0.1mA
IL = 300mA
IL = 500mA


유사한 부품 번호 - TC1263-2.8VOATR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1263-2.8VOATR MICROCHIP-TC1263-2.8VOATR Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results

유사한 설명 - TC1263-2.8VOATR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com