전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1263-3.3VOA 데이터시트(PDF) 4 Page - Microchip Technology

부품명 TC1263-3.3VOA
상세설명  500 mA, Fixed-Output, CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263-3.3VOA 데이터시트(HTML) 4 Page - Microchip Technology

  TC1263-3.3VOA Datasheet HTML 1Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 2Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 3Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 4Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 5Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 6Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 7Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 8Page - Microchip Technology TC1263-3.3VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1263
DS21374D-page 4
 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR + 1.0V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Line Regulation vs.
Temperature.
FIGURE 2-2:
Output Noise vs. Frequency.
FIGURE 2-3:
Load Regulation vs.
Temperature.
FIGURE 2-4:
IDD vs. Temperature.
FIGURE 2-5:
2.5V Dropout Voltage vs.
ILOAD.
FIGURE 2-6:
5.0V Dropout Voltage vs.
ILOAD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.020
0.018
0.016
0.012
0.010
0.008
0.006
0.004
0.002
0.000
0.014
TEMPERATURE (°C)
-40°C0°C25°C70°C85°C 125°C
FREQUENCY (
kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50Ω
COUT = 1μF
-40
°C
0
°C25°C70°C85°C 125°C
0.0100
0.0090
0.0080
0.0070
0.0060
0.0050
0.0040
0.0030
0.0020
0.0010
0.0100
TEMPERATURE (
°C)
1mA to 500mA
1mA to 500mA
5V
2.5V
TEMPERATURE (°C)
150
135
120
105
90
75
60
45
30
15
0
5V
-40°C0°C25°C70°C85°C 125°C
2.5V
0
100
200
300
400
500
ILOAD (mA)
0.50
0.40
0.30
0.20
0.10
0.00
-40°C
0°C
70°C
85°C
25°C
125°C
0
100
200
300
400
500
ILOAD (mA)
0.50
0.40
0.30
0.20
0.10
0.00
25°C
-40°C
0°C
70°C
85°C
125°C


유사한 부품 번호 - TC1263-3.3VOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1263-3.3VOA MICROCHIP-TC1263-3.3VOA Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-3.3VOATR MICROCHIP-TC1263-3.3VOATR Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results

유사한 설명 - TC1263-3.3VOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com