전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1263-5.0VOA 데이터시트(PDF) 6 Page - Microchip Technology

부품명 TC1263-5.0VOA
상세설명  500 mA, Fixed-Output, CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263-5.0VOA 데이터시트(HTML) 6 Page - Microchip Technology

Back Button TC1263-5.0VOA Datasheet HTML 2Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 3Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 4Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 5Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 6Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 7Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 8Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 9Page - Microchip Technology TC1263-5.0VOA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1263
DS21374D-page 6
 2002-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Regulated Output Voltage (VOUT)
VOUT is a regulated voltage output.
3.2
Ground (GND)
Ground terminal.
3.3
Reference Bypass (BYPASS)
Reference bypass input. Connect a 470 pF to the
BYPASS input to further reduce output noise.
3.4
Out-of-Regulation Flag (ERROR)
Out-of-Regulation Flag (open-drain output). ERROR
goes
low
when
VOUT is
out-of-tolerance
by
approximately – 5%.
3.5
Shutdown Control (SHDN)
Shutdown control input. The regulator is fully enabled
when a logic-high is applied to SHDN. The regulator
enters shutdown when a logic-low is applied to this
input. During shutdown, output voltage falls to zero and
supply current is reduced to 0.05 µA (typical).
3.6
Unregulated Supply (VIN)
VIN is an unregulated supply input.
Pin No.
(8-Pin SOIC)
Pin No.
(5-Pin DDPAK)
(5-Pin TO-220)
Symbol
Description
15
VOUT
Regulated voltage output
2
3
GND
Ground terminal
3
NC
No connect
4
1
BYPASS
Reference bypass input
5
ERROR
Out-of-Regulation Flag (open-drain output).
6
2
SHDN
Shutdown control input
7
NC
No connect
84
VIN
Unregulated supply input


유사한 부품 번호 - TC1263-5.0VOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1263-5.0VOA MICROCHIP-TC1263-5.0VOA Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-5.0VOATR MICROCHIP-TC1263-5.0VOATR Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results

유사한 설명 - TC1263-5.0VOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com