전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD829SQ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD829SQ
상세설명  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD829SQ 데이터시트(HTML) 3 Page - Analog Devices

  AD829SQ Datasheet HTML 1Page - Analog Devices AD829SQ Datasheet HTML 2Page - Analog Devices AD829SQ Datasheet HTML 3Page - Analog Devices AD829SQ Datasheet HTML 4Page - Analog Devices AD829SQ Datasheet HTML 5Page - Analog Devices AD829SQ Datasheet HTML 6Page - Analog Devices AD829SQ Datasheet HTML 7Page - Analog Devices AD829SQ Datasheet HTML 8Page - Analog Devices AD829SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 3 of 20
SPECIFICATIONS
TA = 25°C and VS = ±15 V dc, unless otherwise noted.
Table 1.
AD829JR
AD829AR
AD829AQ/AD829S
Parameter
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
tMIN to tMAX
±5 V,
±15 V
0.2
1
0.2
1
0.1
0.5
mV
1
1
0.5
mV
Offset Voltage Drift
±5 V,
±15 V
0.3
0.3
0.3
µV/°C
INPUT BIAS CURRENT
±5 V,
±15 V
3.3
7
3.3
7
3.3
7
µA
tMIN to tMAX
8.2
9.5
9.5
µA
INPUT OFFSET CURRENT
±5 V,
±15 V
50
500
50
500
50
500
nA
tMIN to tMAX
500
500
500
nA
Offset Current Drift
± 5 V,
±15 V
0.5
0.5
0.5
nA/°C
OPEN-LOOP GAIN
VO = ±2.5 V,
RL = 500 Ω
±5 V
30
65
30
65
30
65
V/mV
RL = 150 Ω
40
40
40
V/mV
tMIN to tMAX
20
20
20
V/mV
VO = ±10 V,
RL = 1 kΩ
±15 V
50
100
50
100
50
100
V/mV
RL = 500 Ω
85
85
85
V/mV
tMIN to tMAX
20
20
20
V/mV
DYNAMIC PERFORMANCE
Gain Bandwidth Product
±5 V
600
600
600
MHz
±15 V
750
750
750
MHz
Full Power Bandwidth1, 2
VO = 2 V p-p,
RL = 500 Ω
±5 V
25
25
25
MHz
VO = 20 V p-p,
RL = 1 kΩ
±15 V
3.6
3.6
3.6
MHz
Slew Rate2
RL = 500 Ω
±5 V
150
150
150
V/µs
RL = 1 kΩ
±15 V
230
230
230
V/µs
Settling Time to 0.1%
AV = –19
−2.5 V to
+2.5 V
±5 V
65
65
65
ns
10 V step
±15 V
90
90
90
ns
Phase Margin2
CL = 10 pF
±15 V
RL = 1 kΩ
60
60
60
Degrees
DIFFERENTIAL GAIN ERROR3
RL = 100 Ω,
CCOMP = 30 pF
±15 V
0.02
0.02
0.02
%
DIFFERENTIAL PHASE ERROR3
RL = 100 Ω,
CCOMP = 30 pF
±15 V
0.04
0.04
0.04
Degrees
COMMON-MODE REJECTION
VCM = ±2.5 V
±5 V
100
120
100
120
100
120
dB
VCM = ±12 V
±15 V
100
120
100
120
100
120
dB
tMIN to tMAX
96
96
96
dB
POWER SUPPLY REJECTION
VS = ±4.5 V
to ±18 V
98
120
98
120
98
120
dB
tMIN to tMAX
94
94
94
dB
INPUT VOLTAGE NOISE
f = 1 kHz
±15 V
1.7
2
1.7
2
1.7
2
nV/√Hz
INPUT CURRENT NOISE
f = 1 kHz
±15 V
1.5
1.5
1.5
pA/√Hz


유사한 부품 번호 - AD829SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD829SQ AD-AD829SQ Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829SQ AD-AD829SQ Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829SQ AD-AD829SQ Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829SQ/883B AD-AD829SQ/883B Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829SQ/883B AD-AD829SQ/883B Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
More results

유사한 설명 - AD829SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com