전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1584ARTZ-REEL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD1584ARTZ-REEL7
상세설명  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1584ARTZ-REEL7 데이터시트(HTML) 5 Page - Analog Devices

  AD1584ARTZ-REEL7 Datasheet HTML 1Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 2Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD1582/AD1583/AD1584/AD1585
Rev. J | Page 5 of 16
AD1584 SPECIFICATIONS
TA = TMIN to TMAX, VIN = 5 V, unless otherwise noted.
Table 4.
AD1584A
AD1584B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE (@ 25°C)
VO
4.056
4.096
4.136
4.092
4.096
4.100
V
INITIAL ACCURACY ERROR (@ 25°C)
VOERR
−40
+40
−4
+4
mV
−0.98
+0.98
−0.1
+0.1
%
OUTPUT VOLTAGE TEMPERATURE DRIFT
100
50
ppm/°C
TEMPERATURE COEFFICIENT (TCVO)
−40°C < TA < +125°C
40
100
18
50
ppm/°C
0°C < TA < 70°C
35
15
ppm/°C
MINIMUM SUPPLY HEADROOM (VIN – VOUT)
200
200
mV
LOAD REGULATION
0 mA < IOUT < 5 mA (−40°C to +85°C)
0.32
0.32
mV/mA
0 mA < IOUT < 5 mA (−40°C to +125°C)
0.52
0.52
mV/mA
−5 mA < IOUT < 0 mA (−40°C to +85°C)
0.40
0.40
mV/mA
−5 mA < IOUT < 0 mA (−40°C to +125°C)
0.6
0.6
mV/mA
−0.1 mA < IOUT < +0.1 mA (−40°C to +85°C)
3.2
3.2
mV/mA
−0.1 mA < IOUT < +0.1 mA (−40°C to +125°C)
4.1
4.1
mV/mA
LINE REGULATION
VOUT + 200 mV < VIN 12 V
IOUT = 0 mA
25
25
µV/V
RIPPLE REJECTION (ΔVOUT/ΔVIN)
VIN = 5 V ± 100 mV (f = 120 Hz)
80
80
dB
QUIESCENT CURRENT
70
70
µA
SHORT-CIRCUIT CURRENT TO GROUND
15
15
mA
NOISE VOLTAGE (@ 25°C)
0.1 Hz to 10 Hz
110
110
µV p-p
10 Hz to 10 kHz
90
90
µV rms
TURN-ON SETTLING TIME TO 0.1%
CL = 0.2 µF
140
140
µs
LONG-TERM STABILITY
1000 Hours @ 25°C
100
100
ppm/1000 hr
OUTPUT VOLTAGE HYSTERESIS
115
115
ppm
TEMPERATURE RANGE
Specified Performance (A, B, C)
−40
+125
−40
+125
°C
Operating Performance (A, B, C)
−55
−125
−55
+125
°C


유사한 부품 번호 - AD1584ARTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1584ART-R2 AD-AD1584ART-R2 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1584ART-REEL7 AD-AD1584ART-REEL7 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
More results

유사한 설명 - AD1584ARTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com