전자부품 데이터시트 검색엔진 |
|
AD7470 데이터시트(PDF) 11 Page - Analog Devices |
|
AD7470 데이터시트(HTML) 11 Page - Analog Devices |
11 / 20 page REV. B AD7470/AD7472 –11– ADC TRANSFER FUNCTION The output coding of the AD7470/AD7472 is straight binary. The designed code transitions occur midway between succes- sive integer LSB values (0.5 LSB, 1.5 LSB, etc). The LSB size is equal to (REF IN)/4096 for the AD7472 and to (REF IN)/1024 for the AD7470. The ideal transfer characteristic for the AD7472 is shown in Figure 6. 111...111 111...110 111...000 011...111 000...010 000...001 000...000 0V 0.5LSB VREF –1.5LSB ANALOG INPUT 1LSB = VREF/4096 Figure 6. Transfer Characteristic for 12 Bits AC ACQUISITION TIME In ac applications it is recommended to always buffer analog input signals. The source impedance of the drive circuitry must be kept as low as possible to minimize the acquisition time of the ADC. Large values of impedance at the VIN pin of the ADC will cause the THD to degrade at high input frequencies. The AD8021, AD8047, AD8051, AD9631, and AD797 are some of the op amps that could be used to buffer the analog input. Figure 7 shows the AD7470/AD7472 performance for some of those recommended input buffers. TYPICAL AMPLIFIER INPUT SNR THD CURRENT BUFFERS 500kHz 500kHz CONSUMPTION AD8047 70 78 5.8mA AD9631 69.5 80 17mA AD8051 68.6 78 4.4mA AD797 70 84 8.2mA AD7470/AD7472 DYNAMIC PERFORMANCE SPECIFICATIONS Figure 7. Recommended Input Buffers Reference Input The following references are best suited for use with the AD7470/AD7472. ADR291 AD780 REF192 ADR421 For optimum performance, a 2.5 V reference is recommended. The parts can function with a reference up to 3 V and down to 2 V, but the performance deteriorates. DC ACQUISITION TIME The ADC starts a new acquisition phase at the end of a conver- sion and ends it on the falling edge of the CONVST signal. At the end of conversion there is a settling time associated with the sampling circuit. This settling time lasts approximately 135 ns. The analog signal on VIN is also being acquired during this settling time; therefore, the minimum acquisition time needed is approximately 135 ns. Figure 8 shows the equivalent charging circuit for the sampling capacitor when the ADC is in its acquisition phase. R3 repre- sents the source impedance of a buffer amplifier or resistive network, R1 is an internal switch resistance, R2 is for bandwidth control, and C1 is the sampling capacitor. C2 is back-plate capacitance and switch parasitic capacitance. During the acquisition phase the sampling capacitor must be charged to within ±1 LSB of its final value. R3 R1 125 VIN C1 22pF C2 8pF R2 636 Figure 8. Equivalent Sampling Circuit ANALOG INPUT Figure 9 shows the equivalent circuit of the analog input struc- ture of the AD7470/AD7472. The two diodes, D1 and D2, provide ESD protection for the analog inputs. The capacitor C3 is typically about 4 pF and can be primarily attributed to pin capacitance. The resistor R1 is an internal switch resistance. This resistor is typically about 125 Ω. The capacitor C1 is the sampling capacitor, while R2 is used for bandwidth control. R1 125 VIN C1 22pF C2 8pF R2 636 D1 D2 C3 4pF VDD Figure 9. Equivalent Analog Input Circuit CLOCK SOURCES The max CLK specification for the AD7470 is 30 MHz, and for the AD7472, it is 26 MHz. These frequencies are not standard off-the-shelf oscillator frequencies. Many manufacturers pro- duce oscillator modules close to these frequencies; a typical one being 25.175 MHz from IQD Limited. AEL Crystals Limited produces a 25 MHz oscillator module in various packages. Crys- tal oscillator manufacturers will produce 26 MHz and 30 MHz oscillators to order. Of course any clock source can be used, not just crystal oscillators. |
유사한 부품 번호 - AD7470_03 |
|
유사한 설명 - AD7470_03 |