전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7706BRZ-REEL1 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7706BRZ-REEL1
상세설명  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7706BRZ-REEL1 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7706BRZ-REEL1 Datasheet HTML 4Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 5Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 6Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 9Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 10Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 11Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD7705/AD7706
Rev. C | Page 8 of 44
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.25 V; GND = 0 V; fCLKIN = 2.4576 MHz; Input Logic 0 = 0 V, Logic 1 = VDD, unless otherwise noted.
Table 2. Timing Characteristics1, 2
Parameter
Limit at TMIN, TMAX
(B Version)
Unit
Conditions/Comments
fCLKIN3, 4
400
kHz min
Master clock frequency (crystal oscillator or externally supplied)
2.5
MHz max
For specified performance
tCLKIN LO
0.4 × tCLKIN
ns min
Master clock input low time, tCLKIN = 1/fCLKIN
tCLKIN HI
0.4 × tCLKIN
ns min
Master clock input high time
t1
500 × tCLKIN
ns nom
DRDY high time
t2
100
ns min
RESET pulse width
Read Operation
t3
0
ns min
DRDY to CS setup time
t4
120
ns min
CS falling edge to SCLK rising edge setup time
t55
0
ns min
SCLK falling edge to data valid delay
80
ns max
VDD = 5 V
100
ns max
VDD = 3.0 V
t6
100
ns min
SCLK high pulse width
t7
100
ns min
SCLK low pulse width
t8
0
ns min
CS rising edge to SCLK rising edge hold time
t96
10
ns min
Bus relinquish time after SCLK rising edge
60
ns max
VDD = 5 V
100
ns max
VDD = 3.0 V
t10
100
ns max
SCLK falling edge to DRDY high7
Write Operation
t11
120
ns min
CS falling edge to SCLK rising edge setup time
t12
30
ns min
Data valid to SCLK rising edge setup time
t13
20
ns min
Data valid to SCLK rising edge hold time
t14
100
ns min
SCLK high pulse width
t15
100
ns min
SCLK low pulse width
t16
0
ns min
CS rising edge to SCLK rising edge hold time
1 Sample tested at 25°C to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2 See Figure 19 and Figure 20.
3 The fCLKIN duty cycle range is 45% to 55%. fCLKIN must be supplied whenever the AD7705/AD7706 are not in standby mode. If no clock is present, the devices can draw
higher current than specified, and possibly become uncalibrated.
4 The AD7705/AD7706 are production tested with fCLKIN at 2.4576 MHz (1 MHz for some IDD tests). They are guaranteed by characterization to operate at 400 kHz.
5 These numbers are measured with the load circuit of Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
6 These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then
extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
7
DRDY returns high upon completion of the first read from the device after an output update. The same data can be reread while DRDY is high, but care should be
taken that subsequent reads do not occur close to the next output update.
TO OUTPUT
PIN
50pF
ISINK (800μA AT VDD = 5V
100
μA AT V
DD = 3V)
1.6V
ISOURCE (200μA AT VDD = 5V
100mA AT VDD = 3V)
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


유사한 부품 번호 - AD7706BRZ-REEL1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7706BRZ-REEL1 AD-AD7706BRZ-REEL1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results

유사한 설명 - AD7706BRZ-REEL1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com