전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9272BSVZRL-801 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9272BSVZRL-801
상세설명  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9272BSVZRL-801 데이터시트(HTML) 5 Page - Analog Devices

  AD9272BSVZRL-801 Datasheet HTML 1Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 2Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 3Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 4Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 5Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 6Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 7Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 8Page - Analog Devices AD9272BSVZRL-801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD9272
Rev. C | Page 5 of 44
AD9272-40
AD9272-65
AD9272-80
Parameter1
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Group Delay
Variation
f = 1 MHz to
18 MHz,
GAIN+ = 0 V to
1.6 V
±2
±2
±2
ns
Input-Referred
Noise Voltage
LNA gain =
15.6 dB/
17.9 dB/
21.3 dB,
RFB = ∞
1.26/1.04/0.85
1.26/1.04/0.85
1.26/1.04/0.85
nV/√Hz
Noise Figure
LNA gain =
15.6 dB/
17.9 dB/
21.3 dB
Active Termina-
tion Matched
RS = 50 Ω,
RFB = 200 Ω/
250 Ω/350 Ω
8.0/6.6/4.7
7.7/6.2/4.5
7.6/6.1/4.4
dB
Unterminated
RFB = ∞
4.7/3.7/2.8
4.6/3.6/2.8
4.5/3.6/2.7
dB
Correlated Noise
Ratio
No signal,
correlated/
uncorrelated
−30
−30
−30
dB
Output Offset
−35
+35
−35
+35
−35
+35
LSB
Signal-to-Noise
Ratio (SNR)
fIN = 5 MHz at
−10 dBFS, GAIN+
= 0 V
65
64
63
dBFS
fIN = 5 MHz at
−1 dBFS, GAIN+ =
1.6 V
57
56
54.5
dBFS
Harmonic Distortion
Second
Harmonic
fIN = 5 MHz at
−10 dBFS, GAIN+
= 0 V
−62
−58
−55
dBc
fIN = 5 MHz at
−1 dBFS, GAIN+ =
1.6 V
−60
−61
−58
dBc
Third Harmonic
fIN = 5 MHz at
−10 dBFS, GAIN+
= 0 V
−71
−60
−60
dBc
fIN = 5 MHz at
−1 dBFS, GAIN+ =
1.6 V
−57
−55
−56
dBc
Two-Tone IMD3
(2 × F1 − F2)
Distortion
fIN1 = 5.0 MHz at
−1 dBFS,
fIN2 = 5.01 MHz at
−21 dBFS, GAIN+
= 1.6 V,
LNA gain = 21.3 dB
−75
−75
−75
dBc
Channel-to-Channel
Crosstalk
fIN1 = 5.0 MHz at −1
dBFS
−70
−70
−70
dB
Overrange
condition4
−65
−65
−65
dB
Channel-to-Channel
Delay Variation
Full TGC path,
fIN = 5 MHz,
GAIN+ = 0 V to
1.6 V
0.3
0.3
0.3
Degrees
PGA GAIN
Differential input
to differential
output
21/24/27/30
21/24/27/30
21/24/27/30
dB


유사한 부품 번호 - AD9272BSVZRL-801

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9272BSVZRL-80 AD-AD9272BSVZRL-80 Datasheet
775Kb / 45P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
More results

유사한 설명 - AD9272BSVZRL-801

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9272 AD-AD9272_17 Datasheet
775Kb / 45P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com