전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4116BRUZ1 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADF4116BRUZ1
상세설명  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4116BRUZ1 데이터시트(HTML) 1 Page - Analog Devices

  ADF4116BRUZ1 Datasheet HTML 1Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 2Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 3Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 4Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 5Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 6Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 7Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 8Page - Analog Devices ADF4116BRUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RF PLL Frequency Synthesizers
ADF4116/ADF4117/ADF4118
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2007 Analog Devices, Inc. All rights reserved.
FEATURES
ADF4116: 550 MHz
ADF4117: 1.2 GHz
ADF4118: 3.0 GHz
2.7 V to 5.5 V power supply
Separate VP allows extended tuning voltage in 3 V systems
Y Grade: −40°C to +125°C
Dual-modulus prescaler
ADF4116: 8/9
ADF4117/ADF4118: 32/33
3-wire serial interface
Digital lock detect
Power-down mode
Fastlock mode
APPLICATIONS
Base stations for wireless radio
(GSM, PCS, DCS, CDMA, WCDMA)
Wireless handsets
(GSM, PCS, DCS, CDMA, WCDMA)
Wireless LANs
Communications test equipment
CATV equipment
GENERAL DESCRIPTION
The ADF411x family of frequency synthesizers can be used to
implement local oscillators (LO) in the upconversion and
downconversion sections of wireless receivers and transmitters.
They consist of a low noise digital phase frequency detector
(PFD), a precision charge pump, a programmable reference
divider, programmable A and B counters, and a dual-modulus
prescaler (P/P + 1). The A (5-bit) and B (13-bit) counters, in
conjunction with the dual-modulus prescaler (P/P + 1),
implement an N divider (N = BP + A). In addition, the 14-bit
reference counter (R counter) allows selectable REFIN frequencies
at the PFD input. A complete phase-locked loop (PLL) can be
implemented if the synthesizer is used with an external loop
filter and voltage controlled oscillator (VCO).
All of the on-chip registers are controlled via a simple 3-wire
interface. The devices operate with a power supply ranging
from 2.7 V to 5.5 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
N = BP + A
FUNCTION
LATCH
PRESCALER
P/P + 1
14-BIT
R COUNTER
13-BIT
B COUNTER
5-BIT
A COUNTER
21-BIT
INPUT REGISTER
R COUNTER
LATCH
A, B COUNTER
LATCH
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
M3 M2 M1
HIGH Z
MUX
MUXOUT
CP
FLO
FLO
SWITCH
18
13
14
19
SDOUT
SDOUT
FROM
FUNCTION LATCH
5
DGND
AGND
CE
RFINB
RFINA
LE
DATA
CLK
REFIN
CPGND
VP
DVDD
AVDD
AVDD
LOCK
DETECT
ADF4116/ADF4117/ADF4118
LOAD
LOAD
Figure 1.


유사한 부품 번호 - ADF4116BRUZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4116BRU AD-ADF4116BRU Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116BRU AD-ADF4116BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results

유사한 설명 - ADF4116BRUZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com