전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM242AR 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADM242AR
상세설명  High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM242AR 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADM242AR Datasheet HTML 2Page - Analog Devices ADM242AR Datasheet HTML 3Page - Analog Devices ADM242AR Datasheet HTML 4Page - Analog Devices ADM242AR Datasheet HTML 5Page - Analog Devices ADM242AR Datasheet HTML 6Page - Analog Devices ADM242AR Datasheet HTML 7Page - Analog Devices ADM242AR Datasheet HTML 8Page - Analog Devices ADM242AR Datasheet HTML 9Page - Analog Devices ADM242AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
REV.
ADM222/ADM232A/ADM242
–6–
–Typical Performance Characteristics
LOAD CURRENT – mA
–15
05
10
15
20
25
30
–10
–5
0
5
10
15
V+
V–
TPC 1. Charge Pump V+, V– vs. Current
LOAD CAPACITANCE – pF
–9
0
500
–7
–5
5
1000
1500
2000
2500
3000
115kBps
230kBps
115kBps
460kBps
460kBps
230kBps
–3
–1
7
9
3
1
TPC 2. Transmitter Baud Rate vs. Load Capacitance
T
CH1
10.0V
CH2
5.00V
M 1.00 s
CH2
–6.4V
: 6.2V
: 140ns
@: –3.5V
T
TPC 3. Transmitter Unloaded Slew Rate
LOAD CURRENT – mA
–15
02
46
8
10
12
–10
–5
0
5
10
15
14
Tx O/P HI
Tx O/P LO
TPC 4. Transmitter Output Voltage vs. Current
10
90
100
0%
0.010V
100 s
A4
5V
5V
TPC 5. Charge Pump V+, V– Exiting Shutdown
T
CH1
10.0V
CH2
5.00V
M 1.00 s
CH2
–6.4V
: 6.0V
: 600ns
@: –2.9V
T
TPC 6. Transmitter Fully Loaded Slew Rate
B


유사한 부품 번호 - ADM242AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM242AR AD-ADM242AR Datasheet
332Kb / 9P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV. 0
ADM242ARZ AD-ADM242ARZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM242ARZ-REEL AD-ADM242ARZ-REEL Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com