전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3101EACPZ-250R71 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADM3101EACPZ-250R71
상세설명  짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3101EACPZ-250R71 데이터시트(HTML) 3 Page - Analog Devices

  ADM3101EACPZ-250R71 Datasheet HTML 1Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 2Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 3Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 4Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 5Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 6Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 7Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 8Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM3101E
Rev. C | Page 3 of 12
SPECIFICATIONS
VCC = 3.3 V ± 0.3 V, C1 to C4 = 0.1 μF, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DC CHARACTERISTICS
Operating Voltage Range
3.0
3.3
5.5
V
Power Supply Current, VCC
No load
1.5
2.6
mA
RL = 3 kΩ to GND
5
7
mA
LOGIC
Input Logic Threshold Low, VINL
TIN
0.6
V
Input Logic Threshold High, VINH
TIN
1.4
V
Input Logic Threshold Low, VINL
TIN, VCC = 5.0 V ± 0.5 V
0.8
V
Input Logic Threshold High, VINH
TIN, VCC = 5.0 V ± 0.5 V
2.0
V
CMOS Output Voltage Low, VOL
IOUT = 1.6 mA
0.4
V
CMOS Output Voltage High, VOH
IOUT =
−1 mA
VCC − 0.6
V
Logic Pull-Up Current
TIN = GND to VCC
5
12
μA
RS-232 RECEIVER
EIA/TIA-232E Input Voltage Range1
−30
+30
V
EIA/TIA-232E Input Threshold Low
VCC = 3.0 V to 5.5 V
0.6
1.3
V
EIA/TIA-232E Input Threshold High
1.6
2.4
V
EIA/TIA-232E Input Hysteresis
0.4
V
EIA/TIA-232E Input Resistance
3
5
7
TRANSMITTER
Output Voltage Swing
RS-232
VCC = 3.3 V to 5.5 V; transmitter output loaded
with 3 kΩ to ground
±5.0
±5.7
V
RS-562
VCC = 3.0 V
±4.5
V
Transmitter Output Resistance
VCC = 0 V, VOUT = ±2 V1
300
Ω
RS-232 Output Short-Circuit Current
±15
mA
TIMING CHARACTERISTICS
Maximum Data Rate
VCC = 3.3 V, RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF
460
kbps
Receiver Propagation Delay
tPHL
0.4
μs
tPLH
0.4
μs
Transmitter Propagation Delay
RL = 3 kΩ, CL = 1000 pF
600
ns
Transmitter Skew
80
ns
Receiver Skew
70
ns
Transition Region Slew Rate
+3 V to −3 V or
−3 V to +3 V, VCC = +3.3 V,
RL = 3 kΩ, CL = 1000 pF, TA = 25°C1
5.5
10
30
V/μs
ESD PROTECTION
RS-232 and CMOS I/O Pins
Human body model air discharge
±15
kV
Human body model contact discharge
±8
kV
1 Guaranteed by design.


유사한 부품 번호 - ADM3101EACPZ-250R71

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3101EACPZ-250R7 AD-ADM3101EACPZ-250R7 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
More results

유사한 설명 - ADM3101EACPZ-250R71

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com