전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDZ2552P 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDZ2552P
상세설명  Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2552P 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDZ2552P Datasheet HTML 1Page - Fairchild Semiconductor FDZ2552P Datasheet HTML 2Page - Fairchild Semiconductor FDZ2552P Datasheet HTML 3Page - Fairchild Semiconductor FDZ2552P Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
November 1999
ADVANCE INFORMATION
1999 Fairchild Semiconductor Corporation
FDZ2552P Rev. A (w)
FDZ2552P
Dual P-Channel 2.5V Specified PowerTrench
TM BGA MOSFET
General Description
Combining
Fairchild’s
advanced
2.5V
specified
PowerTrench process with state of the art BGA
packaging, the FDZ2552P minimizes both PCB space
and RDS(ON).
This dual BGA MOSFET embodies a
breakthrough in packaging technology which enables
the device to combine excellent thermal transfer
characteristics, high current handling capability, ultra-
low profile packaging, low gate charge, and low RDS(ON).
Applications
•= Battery management
•= Load switch
•= Battery protection
Features
•= –6 A, –20 V. RDS(ON) = 0.045 Ω @ VGS = –4.5 V
RDS(ON) = 0.075
Ω @ V
GS = –2.5 V.
•= Occupies only 0.10 cm2 of PCB area.
1/3 the area of SO-8.
•= Ultra-thin package: less than 0.70 mm height when
mounted to PCB.
•= Outstanding thermal transfer characteristics:
significantly better than SO-8.
•= Ultra-low Qg x RDS(ON) figure-of-merit.
•= High power and current handling capability.
Q2
Q1
Pin 1
G
S
D
D
S
S
S
D
S
S
S
S
G
S
S
D
D
D
Bottom
Pin 1
Top
S
S
G
G
D
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
–6
A
– Pulsed
-20
PD
Power Dissipation (Steady State)
(Note 1a)
3.0
W
TJ, Tstg
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
8
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
F2552
FDZ2552P
TBD
TBD
TBD


유사한 부품 번호 - FDZ2552P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDZ2551N FAIRCHILD-FDZ2551N Datasheet
52Kb / 4P
   Dual N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results

유사한 설명 - FDZ2552P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ2551N FAIRCHILD-FDZ2551N Datasheet
52Kb / 4P
   Dual N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com