전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR365WAUJZ-RL 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADR365WAUJZ-RL
상세설명  Low Power, Low Noise Voltage References with Sink/Source Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR365WAUJZ-RL 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADR365WAUJZ-RL Datasheet HTML 7Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 8Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 9Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 10Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 11Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 12Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 13Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 14Page - Analog Devices ADR365WAUJZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D | Page 11 of 20
0.18
0
–40
125
TEMPERATURE (°C)
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
–25
–10
5
20
35
50
65
80
95
110
VIN = 9V
VIN = 3.5V
Figure 8. ADR361 Load Regulation vs. Temperature
0.14
0
–40
125
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110
0.12
0.10
0.08
0.06
0.04
0.02
VIN = 9V
VIN = 6V
Figure 9. ADR365 Load Regulation vs. Temperature
25
0
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
20
15
10
5
Figure 10. ADR360 Line Regulation vs. Temperature, VIN = 2.45 V to 15 V
9
0
–40
TEMPERATURE (°C)
125
–25
–10
5
20
35
50
65
80
95
110
8
7
6
5
4
3
2
1
Figure 11. ADR361 Line Regulation vs. Temperature, VIN = 2.8 V to 15 V
12
0
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
10
8
6
4
2
Figure 12. ADR365 Line Regulation vs. Temperature, VIN = 5.3 V to 15 V
1.6
0
–2
LOAD CURRENT (mA)
10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
02
46
8
+25°C
+125°C
–40°C
Figure 13. ADR361 Dropout Voltage vs. Load Current


유사한 부품 번호 - ADR365WAUJZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR365 AD-ADR365 Datasheet
671Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
REV. A
ADR365 AD-ADR365 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
ADR3650 AD-ADR3650 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
ADR3650ARMZ AD-ADR3650ARMZ Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
ADR3650ARMZ-R7 AD-ADR3650ARMZ-R7 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
More results

유사한 설명 - ADR365WAUJZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR360 AD-ADR360 Datasheet
671Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
REV. A
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com