전자부품 데이터시트 검색엔진 |
|
ADR425ARMZ-REEL7 데이터시트(PDF) 3 Page - Analog Devices |
|
ADR425ARMZ-REEL7 데이터시트(HTML) 3 Page - Analog Devices |
3 / 24 page ADR420/ADR421/ADR423/ADR425 Rev. I | Page 3 of 24 SPECIFICATIONS ADR420 ELECTRICAL SPECIFICATIONS VIN = 5.0 V to 15.0 V, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VOUT A Grade 2.045 2.048 2.051 V B Grade 2.047 2.048 2.049 V INITIAL ACCURACY1 VOUTERR A Grade −3 +3 mV −0.15 +0.15 % B Grade −1 +1 mV −0.05 +0.05 % TEMPERATURE COEFFICIENT TCVOUT −40°C < TA < +125°C A Grade 2 10 ppm°C B Grade 1 3 ppm/°C SUPPLY VOLTAGE HEADROOM VIN − VOUT 2 V LINE REGULATION ∆VOUT/∆VIN VIN = 5 V to 18 V, −40°C < TA < +125°C 10 35 ppm/V LOAD REGULATION ∆VOUT/∆IL IL = 0 mA to 10 mA, −40°C < TA < +125°C 70 ppm/mA QUIESCENT CURRENT IIN No load 390 500 μA −40°C < TA < +125°C 600 μA VOLTAGE NOISE eN p-p 0.1 Hz to 10 Hz 1.75 μV p-p VOLTAGE NOISE DENSITY eN 1 kHz 60 nV/√Hz TURN-ON SETTLING TIME tR 10 μs LONG-TERM STABILITY ∆VOUT 1000 hours 50 ppm OUTPUT VOLTAGE HYSTERESIS VOUT_HYS 40 ppm RIPPLE REJECTION RATIO RRR fIN = 1 kHz −75 dB SHORT CIRCUIT TO GND ISC 27 mA 1 Initial accuracy does not include shift due to solder heat effect. |
유사한 부품 번호 - ADR425ARMZ-REEL7 |
|
유사한 설명 - ADR425ARMZ-REEL7 |