전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDZ7064N 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDZ7064N
상세설명  30V N-Channel Logic Level PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ7064N 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDZ7064N Datasheet HTML 1Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 2Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 3Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 4Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 5Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDZ7064N Rev D4 (W)
Typical Characteristics
0
10
20
30
40
50
60
0
0.5
1
1.5
2
VDS, DRAIN-SOURCE VOLTAGE (V)
3.0V
4.5V
2.5V
2.0V
VGS = 10V
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
50
60
ID, DRAIN CURRENT (A)
VGS = 2.5V
3.5V
3.0V
10V
4.5V
6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = 13.5A
VGS = 10V
0.002
0.006
0.01
0.014
0.018
0.022
0
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID =6.8 A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
60
1
1.5
2
2.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDZ7064N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
More results

유사한 설명 - FDZ7064N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDZ5047N FAIRCHILD-FDZ5047N Datasheet
211Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
FDP6676 FAIRCHILD-FDP6676 Datasheet
82Kb / 5P
   30V N-Channel Logic Level PowerTrench MOSFET
FDZ7296 FAIRCHILD-FDZ7296 Datasheet
218Kb / 6P
   30V N-Channel PowerTrench BGA MOSFET
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
   N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com