전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1816-10AKS-REEL 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADM1816-10AKS-REEL
상세설명  Microprocessor Reset Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1816-10AKS-REEL 데이터시트(HTML) 3 Page - Analog Devices

  ADM1816-10AKS-REEL Datasheet HTML 1Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 2Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 3Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 4Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 5Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 6Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 7Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 8Page - Analog Devices ADM1816-10AKS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 3 of 16
SPECIFICATIONS
VCC = full operating range, TA = −40°C to +105°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Comments
SUPPLY
Voltage
1
5.5
V
TA = 0°C to 105°C
1.2
5.5
V
TA = −40°C to +105°C
Current
9
16
μA
VCC = 5.5 V, VCC > VTH, no load
4
10
μA
VCC = 3.6 V, VCC > VTH, no load
OUTPUT CURRENT
RST Output Source Current
350
μA
VCC ≥ VTH (max), reset not asserted (ADM1810/ADM1815)
RST Output Source Current
350
μA
VCC ≤ VTH (min), reset asserted (ADM1812/ADM1817)
RST Output Sink Current
8
mA
VCC ≥ 2.7 V, reset asserted, VOUT = 0.4 V
(ADM1810/ADM1811/ADM1813/ADM1815/ADM1816/
ADM1818)
RST Output Sink Current
8
mA
VCC ≥ 2.7 V, reset not asserted, VOUT = 0.4 V
(ADM1812/ADM1817)
OUTPUT VOLTAGE
VCC − 0.5
VCC − 0.1
V
ADM1810/ADM1812/ADM1815/ADM1817 @ 0 μA to
500 μA
VCC TRIP POINT
ADM1810-5, ADM1811-5, ADM1812-5,
ADM1813-5
4.50
4.62
4.75
V
ADM1810-10, ADM1811-10,
ADM1812-10, ADM1813-10
4.25
4.35
4.49
V
ADM1815-5, ADM1816-5, ADM1817-5,
ADM1818-5
2.98
3.06
3.15
V
ADM1815-10, ADM1816-10,
ADM1817-10, ADM1818-10
2.80
2.88
2.97
V
ADM1815-20, ADM1816-20,
ADM1817-20, ADM1818-20
2.47
2.55
2.64
V
ADM1815-R23, ADM1816-R23,
ADM1817-R23, ADM1818-R23
2.25
2.31
2.37
V
ADM1815-R22, ADM1816-R22,
ADM1817-R22, ADM1818-R22
2.12
2.18
2.25
V
INTERNAL PULL-UP RESISTOR
ADM1811/ADM1816
3.5
5.5
7.5
ADM1813/ADM1818
3.1
5.5
7.5
OUTPUT CAPACITANCE
10
pF
RESET ACTIVE TIME
100
150
250
ms
VCC DETECT TO RESET
Falling
10
μs
Rising
100
150
250
ms
tR = 5 μs
PUSH-BUTTON DETECT TO RST
1
μs
(ADM1813/ADM1818)
PUSH-BUTTON RESET
100
150
250
ms
(ADM1813/ADM1818)


유사한 부품 번호 - ADM1816-10AKS-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1816-10ART-REEL AD-ADM1816-10ART-REEL Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1816-10ART-RL7 AD-ADM1816-10ART-RL7 Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
More results

유사한 설명 - ADM1816-10AKS-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com