전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD914LT1G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MMBD914LT1G
상세설명  High-Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD914LT1G 데이터시트(HTML) 1 Page - ON Semiconductor

  MMBD914LT1G Datasheet HTML 1Page - ON Semiconductor MMBD914LT1G Datasheet HTML 2Page - ON Semiconductor MMBD914LT1G Datasheet HTML 3Page - ON Semiconductor MMBD914LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 7
1
Publication Order Number:
MMBD914LT1/D
MMBD914LT1G,
SMMBD914LT1G,
MMBD914LT3G,
SMMBD914LT3G
High-Speed Switching
Diode
Features
AEC−Q101 Qualified and PPAP Capable
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR−5 Board (Note 1)
TA = 25C
Derate above 25C
PD
225
1.8
mW
mW/C
Thermal Resistance, Junction−to−Ambient
RqJA
556
C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25C
Derate above 25C
PD
300
2.4
mW
mW/C
Thermal Resistance, Junction−to−Ambient
RqJA
417
C/W
Junction and Storage Temperature
Range
TJ, Tstg
−55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
SOT−23
CASE 318
STYLE 8
MARKING DIAGRAM
1
ANODE
3
CATHODE
MMBD914LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MMBD914LT3G
SOT−23
(Pb−Free)
10,000 /
Tape & Reel
1
5D M G
G
5D = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
SMMBD914LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
SMMBD914LT3G
SOT−23
(Pb−Free)
10,000 /
Tape & Reel


유사한 부품 번호 - MMBD914LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBD914LT1G ONSEMI-MMBD914LT1G Datasheet
52Kb / 3P
   High?뭆peed Switching Diode
January, 2006 ??Rev. 5
MMBD914LT1G ONSEMI-MMBD914LT1G Datasheet
123Kb / 3P
   High-Speed Switching Diode
August, 2009 ??Rev. 6
MMBD914LT1G ONSEMI-MMBD914LT1G Datasheet
90Kb / 4P
   High-Speed Switching Diode
October, 2016 ??Rev. 8
logo
Microchip Technology
MMBD914LT1G MICROCHIP-MMBD914LT1G Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
ON Semiconductor
MMBD914LT1G ONSEMI-MMBD914LT1G_09 Datasheet
123Kb / 3P
   High-Speed Switching Diode
August, 2009 ??Rev. 6
More results

유사한 설명 - MMBD914LT1G

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com