전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8236 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8236
상세설명  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8236 데이터시트(HTML) 3 Page - Analog Devices

  AD8236 Datasheet HTML 1Page - Analog Devices AD8236 Datasheet HTML 2Page - Analog Devices AD8236 Datasheet HTML 3Page - Analog Devices AD8236 Datasheet HTML 4Page - Analog Devices AD8236 Datasheet HTML 5Page - Analog Devices AD8236 Datasheet HTML 6Page - Analog Devices AD8236 Datasheet HTML 7Page - Analog Devices AD8236 Datasheet HTML 8Page - Analog Devices AD8236 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8236
Rev. 0 | Page 3 of 20
SPECIFICATIONS
+VS = 5 V, −VS = 0 V (GND), VREF = 2.5 V, TA = 25°C, G = 5, RL = 100 kΩ to GND, unless otherwise noted.
Table 2.
Parameter
Test Conditions
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
VS = ±2.5 V, VREF = 0 V
CMRR DC
VCM = −1.8 V to +1.8 V
G = 5
86
94
dB
G = 10
90
100
dB
G = 100
100
110
dB
G = 200
100
110
dB
NOISE
Voltage Noise Spectral Density, RTI
f = 1 kHz, G = 5
76
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 5
4
μV p-p
G = 200
4
μV p-p
Current Noise
15
fA/√Hz
VOLTAGE OFFSET
Input Offset, VOS
3.5
mV
Average Temperature Coefficient (TC)
−40°C to +125°C
2.5
μV/°C
Offset RTI vs. Supply (PSR)
VS = 1.8 V to 5 V
G = 5
100
120
dB
G = 10
110
126
dB
G = 100
110
130
dB
G = 200
110
130
dB
INPUT CURRENT
Input Bias Current
1
10
pA
Overtemperature
−40°C to +85°C
100
pA
−40°C to +125°C
600
pA
Input Offset Current
0.5
5
pA
Overtemperature
−40°C to +85°C
50
pA
−40°C to +125°C
130
pA
DYNAMIC RESPONSE
Small Signal Bandwidth, –3 dB
G = 5
23
kHz
G = 10
9
kHz
G = 100
0.8
kHz
G = 200
0.4
kHz
Settling Time 0.01%
VOUT = 4 V step
G = 5
444
μs
G = 10
456
μs
G = 100
992
μs
G = 200
1816
μs
Slew Rate
G = 5 to 100
9
mV/μs


유사한 부품 번호 - AD8236

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8236 AD-AD8236 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8236 AD-AD8236 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8236 AD-AD8236 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
AD8236 AD-AD8236 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
AD8236ARMZ AD-AD8236ARMZ Datasheet
480Kb / 21P
   40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
More results

유사한 설명 - AD8236

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8236 AD-AD8236_16 Datasheet
480Kb / 21P
   40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
AD8235 AD-AD8235_16 Datasheet
591Kb / 21P
   40 關A Micropower Instrumentation Amplifier in WLCSP Package
AD8235 AD-AD8235 Datasheet
521Kb / 20P
   40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. 0
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com