전자부품 데이터시트 검색엔진 |
|
AD5660ARJZ-3REEL7 데이터시트(PDF) 8 Page - Analog Devices |
|
AD5660ARJZ-3REEL7 데이터시트(HTML) 8 Page - Analog Devices |
8 / 28 page AD5620/AD5640/AD5660 Rev. F | Page 8 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 5. Parameter Rating VDD to GND −0.3 V to +7 V VOUT to GND −0.3 V to VDD + 0.3 V VFB to GND −0.3 V to VDD + 0.3 V VREFOUT to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial −40°C to +105°C Storage Temperature Range −65°C to +150°C Junction Temperature (TJ max) 150°C Power Dissipation (TJ max − TA)/θJA SOT-23 Package (4-Layer Board) θJA Thermal Impedance 119°C/W MSOP Package (4-Layer Board) θJA Thermal Impedance 141°C/W θJC Thermal Impedance 44°C/W Reflow Soldering Peak Temperature SnPb 240°C Pb-Free 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
유사한 부품 번호 - AD5660ARJZ-3REEL7 |
|
유사한 설명 - AD5660ARJZ-3REEL7 |