전자부품 데이터시트 검색엔진 |
|
UC3717A 데이터시트(PDF) 3 Page - Texas Instruments |
|
UC3717A 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 12 page Figure 1. Typical Source Saturation Voltage vs Output Current (Recirculation Period) Figure 2. Typical Source Saturation Voltage vs Output Current (Conduction Period) UC3717A PARAMETERS TEST CONDITIONS MIN TYP MAX UNITS Sink Diode-Transistor Pair Saturation Voltage, VSAT (Pins 1, 15) Im = 0.5A 0.8 1.1 1.35 V Im = 1A 1.6 2.3 V Leakage Current Vm = 40V 300 µA Diode Forward Voltage, VF Im = 0.5A 1.1 1.5 V Im = 1A 1.4 2 V ELECTRICAL CHARACTERISTICS (cont.) (Refer to the test circuit, Figure 6. VM = 36V, VCC = 5V, VR = 5V, TA = 0 °C to 70°C, unless otherwise stated, TA = TJ.) Figure 3. Typical Sink Saturation Voltage vs Output Current Figure 4. Typical Power Dissipation vs Output Current Figure 5. Typical Waveforms with MA Regulating (phase = 0) 3 |
유사한 부품 번호 - UC3717A_9 |
|
유사한 설명 - UC3717A_9 |