전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8710A-EZC 데이터시트(PDF) 10 Page - SMSC Corporation

부품명 LAN8710A-EZC
상세설명  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A-EZC 데이터시트(HTML) 10 Page - SMSC Corporation

Back Button LAN8710A-EZC Datasheet HTML 6Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 7Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 8Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 9Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 10Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 11Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 12Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 13Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
10
SMSC LAN8710A/LAN8710Ai
DATASHEET
Table 2.1 MII/RMII Signals
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Transmit
Data 0
TXD0
VIS
The MAC transmits data to the transceiver using
this signal in all modes.
1
Transmit
Data 1
TXD1
VIS
The MAC transmits data to the transceiver using
this signal in all modes.
1
Transmit
Data 2
(MII Mode)
TXD2
VIS
The MAC transmits data to the transceiver using
this signal in MII Mode.
Note:
This signal must be grounded in RMII
Mode.
1
Transmit
Data 3
(MII Mode)
TXD3
VIS
The MAC transmits data to the transceiver using
this signal in MII Mode.
Note:
This signal must be grounded in RMII
Mode.
1
Interrupt
Output
nINT
VO8
Active low interrupt output. Place an external
resistor pull-up to VDDIO.
Note:
Refer to Section 3.6, "Interrupt
Management," on page 34 for additional
details on device interrupts.
Note:
Refer to Section 3.8.1.2, "nINTSEL and
LED2 Polarity Selection," on page 39 for
details on how the nINTSEL
configuration strap is used to determine
the function of this pin.
Transmit
Error
(MII Mode)
TXER
VIS
(PU)
When driven high, the 4B/5B encode process
substitutes the Transmit Error code-group (/H/)
for the encoded data word. This input is ignored
in the 10BASE-T mode of operation.
Transmit
Data 4
(MII Mode)
TXD4
VIS
(PU)
In Symbol Interface (5B Decoding) mode, this
signal becomes the MII Transmit Data 4 line (the
MSB of the 5-bit symbol code-group).
Note:
This signal is not used in RMII Mode.
1
Transmit
Enable
TXEN
VIS
(PD)
Indicates that valid transmission data is present
on TXD[3:0]. In RMII Mode, only TXD[1:0]
provide valid data.
1
Transmit
Clock
(MII Mode)
TXCLK
VO8
Used to latch data from the MAC into the
transceiver.
MII (100BASE-TX): 25MHz
MII (10BASE-T): 2.5MHz
Note:
This signal is not used in RMII Mode.


유사한 부품 번호 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results

유사한 설명 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com