전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8710A-EZC 데이터시트(PDF) 11 Page - SMSC Corporation

부품명 LAN8710A-EZC
상세설명  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A-EZC 데이터시트(HTML) 11 Page - SMSC Corporation

Back Button LAN8710A-EZC Datasheet HTML 7Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 8Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 9Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 10Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 11Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 12Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 13Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 14Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
11
Revision 1.4 (08-23-12)
DATASHEET
1
Receive
Data 0
RXD0
VO8
Bit 0 of the 4 (2 in RMII Mode) data bits that are
sent by the transceiver on the receive path.
PHY
Operating
Mode 0
Configuration
Strap
MODE0
VIS
(PU)
Combined with MODE1 and MODE2, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 36 for
additional details.
1
Receive
Data 1
RXD1
VO8
Bit 1 of the 4 (2 in RMII Mode) data bits that are
sent by the transceiver on the receive path.
PHY
Operating
Mode 1
Configuration
Strap
MODE1
VIS
(PU)
Combined with MODE0 and MODE2, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 36 for
additional details.
1
Receive
Data 2
(MII Mode)
RXD2
VO8
Bit 2 of the 4 (in MII Mode) data bits that are sent
by the transceiver on the receive path.
Note:
This signal is not used in RMII Mode.
MII/RMII
Mode Select
Configuration
Strap
RMIISEL
VIS
(PD)
This configuration strap selects the MII or RMII
mode of operation. When strapped low to VSS,
MII Mode is selected. When strapped high to
VDDIO RMII Mode is selected.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.3, "RMIISEL:
MII/RMII Mode Configuration," on
page 37 for additional details.
1
Receive
Data 3
(MII Mode)
RXD3
VO8
Bit 3 of the 4 (in MII Mode) data bits that are sent
by the transceiver on the receive path.
Note:
This signal is not used in RMII Mode.
PHY Address
2
Configuration
Strap
PHYAD2
VIS
(PD)
Combined with PHYAD0 and PHYAD1, this
configuration strap sets the transceiver’s SMI
address.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration," on
page 36 for additional information.
Table 2.1 MII/RMII Signals (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION


유사한 부품 번호 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results

유사한 설명 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com