전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8710A-EZC 데이터시트(PDF) 12 Page - SMSC Corporation

부품명 LAN8710A-EZC
상세설명  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A-EZC 데이터시트(HTML) 12 Page - SMSC Corporation

Back Button LAN8710A-EZC Datasheet HTML 8Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 9Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 10Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 11Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 12Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 13Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 14Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 15Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
12
SMSC LAN8710A/LAN8710Ai
DATASHEET
1
Receive Error
RXER
VO8
This signal is asserted to indicate that an error
was detected somewhere in the frame presently
being transferred from the transceiver.
Note:
This signal is optional in RMII Mode.
Receive
Data 4
(MII Mode)
RXD4
VO8
In Symbol Interface (5B Decoding) mode, this
signal is the MII Receive Data 4 signal, the MSB
of the received 5-bit symbol code-group.
Note:
Unless configured to the Symbol
Interface mode, this pin functions as
RXER.
PHY Address
0
Configuration
Strap
PHYAD0
VIS
(PD)
Combined with PHYAD1 and PHYAD2, this
configuration strap sets the transceiver’s SMI
address.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration," on
page 36 for additional information.
1
Receive
Clock
(MII Mode)
RXCLK
VO8
In MII mode, this pin is the receive clock output.
MII (100BASE-TX): 25MHz
MII (10BASE-T): 2.5MHz
PHY Address
1
Configuration
Strap
PHYAD1
VIS
(PD)
Combined with PHYAD0 and PHYAD2, this
configuration strap sets the transceiver’s SMI
address.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration," on
page 36 for additional information.
1
Receive Data
Valid
RXDV
VO8
Indicates that recovered and decoded data is
available on the RXD pins.
Table 2.1 MII/RMII Signals (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION


유사한 부품 번호 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results

유사한 설명 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com