전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8710A-EZC 데이터시트(PDF) 13 Page - SMSC Corporation

부품명 LAN8710A-EZC
상세설명  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A-EZC 데이터시트(HTML) 13 Page - SMSC Corporation

Back Button LAN8710A-EZC Datasheet HTML 9Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 10Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 11Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 12Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 13Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 14Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 15Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 16Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
13
Revision 1.4 (08-23-12)
DATASHEET
Note 2.1
Configuration strap values are latched on power-on reset and system reset. Configuration
straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load. Refer to
Section 3.7, "Configuration Straps," on page 36 for additional information.
1
Carrier Sense
/ Receive
Data Valid
(RMII Mode)
CRS_DV
VO8
This signal is asserted to indicate the receive
medium is non-idle in RMII Mode. When a
10BASE-T packet is received, CRS_DV is
asserted, but RXD[1:0] is held low until the SFD
byte (10101011) is received.
Note:
Per the RMII standard, transmitted data
is not looped back onto the receive data
pins in 10BASE-T half-duplex mode.
Collision
Detect
(MII Mode)
COL
VO8
This signal is asserted to indicate detection of a
collision condition in MII Mode.
PHY
Operating
Mode 2
Configuration
Strap
MODE2
VIS
(PU)
Combined with MODE0 and MODE1, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 36 for
additional details.
1
Carrier Sense
(MII Mode)
CRS
VO8
(PD)
This signal indicates detection of a carrier in MII
Mode.
Table 2.2 LED Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
LED 1
LED1
O12
Link activity LED Indication. This pin is driven
active when a valid link is detected and blinks
when activity is detected.
Note:
Refer to Section 3.8.1, "LEDs," on
page 39 for additional LED information.
Regulator Off
Configuration
Strap
REGOFF
IS
(PD)
This configuration strap is used to disable the
internal 1.2V regulator. When the regulator is
disabled, external 1.2V must be supplied to
VDDCR.
When REGOFF is pulled high to VDD2A with
an external resistor, the internal regulator is
disabled.
When REGOFF is floating or pulled low, the
internal regulator is enabled (default).
See Note 2.2 for more information on
configuration straps.
Note:
Refer to Section 3.7.4, "REGOFF:
Internal +1.2V Regulator Configuration,"
on page 38 for additional details.
Table 2.1 MII/RMII Signals (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION


유사한 부품 번호 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results

유사한 설명 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com