전자부품 데이터시트 검색엔진 |
|
LAN8710A-EZC 데이터시트(PDF) 16 Page - SMSC Corporation |
|
LAN8710A-EZC 데이터시트(HTML) 16 Page - SMSC Corporation |
16 / 82 page Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology Datasheet Revision 1.4 (08-23-12) 16 SMSC LAN8710A/LAN8710Ai DATASHEET Table 2.7 Power Pins NUM PINS NAME SYMBOL BUFFER TYPE DESCRIPTION 1 +1.6V to +3.6V Variable I/O Power VDDIO P +1.6V to +3.6V variable I/O power Refer to the LAN8710A/LAN8710Ai reference schematic for connection information. 1 +1.2V Digital Core Power Supply VDDCR P Supplied by the on-chip regulator unless configured for regulator off mode via the REGOFF configuration strap. Refer to the LAN8710A/LAN8710Ai reference schematic for connection information. Note: 1 uF and 470 pF decoupling capacitors in parallel to ground should be used on this pin. 1 +3.3V Channel 1 Analog Port Power VDD1A P +3.3V Analog Port Power to Channel 1 Refer to the LAN8710A/LAN8710Ai reference schematic for connection information. 1 +3.3V Channel 2 Analog Port Power VDD2A P +3.3V Analog Port Power to Channel 2 and the internal regulator. Refer to the LAN8710A/LAN8710Ai reference schematic for connection information. 1 Ground VSS P Common ground. This exposed pad must be connected to the ground plane with a via array. |
유사한 부품 번호 - LAN8710A-EZC |
|
유사한 설명 - LAN8710A-EZC |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |