전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8710A-EZC 데이터시트(PDF) 34 Page - SMSC Corporation

부품명 LAN8710A-EZC
상세설명  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A-EZC 데이터시트(HTML) 34 Page - SMSC Corporation

Back Button LAN8710A-EZC Datasheet HTML 30Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 31Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 32Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 33Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 34Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 35Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 36Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 37Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
34
SMSC LAN8710A/LAN8710Ai
DATASHEET
3.6
Interrupt Management
The device management interface supports an interrupt capability that is not a part of the IEEE 802.3
specification. This interrupt capability generates an active low asynchronous interrupt signal on the
nINT output whenever certain events are detected as setup by the Interrupt Mask Register.
The device’s interrupt system provides two modes, a Primary Interrupt mode and an Alternative
interrupt mode. Both systems will assert the nINT pin low when the corresponding mask bit is set.
These modes differ only in how they de-assert the nINT interrupt output. These modes are detailed in
the following subsections.
Note: The Primary interrupt mode is the default interrupt mode after a power-up or hard reset. The
Alternative interrupt mode requires setup after a power-up or hard reset.
3.6.1
Primary Interrupt System
The Primary interrupt system is the default interrupt mode (ALTINT bit of the Mode Control/Status
Register is “0”). The Primary interrupt system is always selected after power-up or hard reset. In this
mode, to set an interrupt, set the corresponding mask bit in the Interrupt Mask Register (see Table 3.3).
Then when the event to assert nINT is true, the nINT output will be asserted. When the corresponding
event to deassert nINT is true, then the nINT will be de-asserted.
Note 3.3
If the mask bit is enabled and nINT has been de-asserted while ENERGYON is still high,
nINT will assert for 256 ms, approximately one second after ENERGYON goes low when
the Cable is unplugged. To prevent an unexpected assertion of nINT, the ENERGYON
interrupt mask should always be cleared as part of the ENERGYON interrupt service
routine.
Table 3.3 Interrupt Management Table
MASK
INTERRUPT SOURCE
FLAG
INTERRUPT SOURCE
EVENT TO
ASSERT nINT
EVENT TO
DE-ASSERT nINT
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
(Note 3.3)
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotiation
complete
1.5
Auto-Negotiate
Complete
Rising 1.5
Falling 1.5 or
Reading register 29
30.5
29.5
Remote Fault
Detected
1.4
Remote Fault
Rising 1.4
Falling 1.4, or
Reading register 1 or
Reading register 29
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
Reading register 1 or
Reading register 29
30.3
29.3
Auto-Negotiation
LP Acknowledge
5.14
Acknowledge
Rising 5.14
Falling 5.14 or
Read register 29
30.2
29.2
Parallel Detection
Fault
6.4
Parallel
Detection Fault
Rising 6.4
Falling 6.4 or
Reading register 6, or
Reading register 29
or
Re-Auto Negotiate or
Link down
30.1
29.1
Auto-Negotiation
Page Received
6.1
Page Received
Rising 6.1
Falling of 6.1 or
Reading register 6, or
Reading register 29
Re-Auto Negotiate, or
Link Down.


유사한 부품 번호 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results

유사한 설명 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com