전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8710A-EZC 데이터시트(PDF) 38 Page - SMSC Corporation

부품명 LAN8710A-EZC
상세설명  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A-EZC 데이터시트(HTML) 38 Page - SMSC Corporation

Back Button LAN8710A-EZC Datasheet HTML 34Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 35Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 36Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 37Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 38Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 39Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 40Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 41Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
38
SMSC LAN8710A/LAN8710Ai
DATASHEET
3.7.4
REGOFF: Internal +1.2V Regulator Configuration
The incorporation of flexPWR technology provides the ability to disable the internal +1.2V regulator.
When the regulator is disabled, an external +1.2V must be supplied to the VDDCR pin. Disabling the
internal +1.2V regulator makes it possible to reduce total system power, since an external switching
regulator with greater efficiency (versus the internal linear regulator) can be used to provide +1.2V to
the transceiver circuitry.
Note: Because the REGOFF configuration strap shares functionality with the LED1 pin, proper
consideration must also be given to the LED polarity. Refer to Section 3.8.1.1, "REGOFF and
LED1 Polarity Selection," on page 39 for additional information on the relation between
REGOFF and the LED1 polarity.
3.7.4.1
Disabling the Internal +1.2V Regulator
To disable the +1.2V internal regulator, a pull-up strapping resistor should be connected from the
REGOFF configuration strap to VDD2A. At power-on, after both VDDIO and VDD2A are within
specification, the transceiver will sample REGOFF to determine whether the internal regulator should
turn on. If the pin is sampled at a voltage greater than VIH, then the internal regulator is disabled and
the system must supply +1.2V to the VDDCR pin. The VDDIO voltage must be at least 80% of the
operating voltage level (1.44V when operating at 1.8V, 2.0V when operating at 2.5V, 2.64V when
operating at 3.3V) before voltage is applied to VDDCR. As described in Section 3.7.4.2, when
REGOFF is left floating or connected to VSS, the internal regulator is enabled and the system is not
required to supply +1.2V to the VDDCR pin.
3.7.4.2
Enabling the Internal +1.2V Regulator
The +1.2V for VDDCR is supplied by the on-chip regulator unless the transceiver is configured for the
regulator off mode using the REGOFF configuration strap as described in Section 3.7.4.1. By default,
the internal +1.2V regulator is enabled when REGOFF is floating (due to the internal pull-down
resistor). During power-on, if REGOFF is sampled below VIL, then the internal +1.2V regulator will turn
on and operate with power from the VDD2A pin.
3.7.5
nINTSEL: nINT/TXER/TXD4 Configuration
The nINT, TXER, and TXD4 functions share a common pin. There are two functional modes for this
pin, the TXER/TXD4 mode and nINT (interrupt) mode. The nINTSEL configuration strap is latched at
POR and on the rising edge of the nRST. By default, nINTSEL is configured for nINT mode via the
internal pull-up resistor.
Note: Because the nINTSEL configuration strap shares functionality with the LED2 pin, proper
consideration must also be given to the LED polarity. Refer to Section 3.8.1.2, "nINTSEL and
LED2 Polarity Selection," on page 39 for additional information on the relation between
nINTSEL and the LED2 polarity.


유사한 부품 번호 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results

유사한 설명 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com