전자부품 데이터시트 검색엔진 |
|
LAN8710A-EZC 데이터시트(PDF) 66 Page - SMSC Corporation |
|
LAN8710A-EZC 데이터시트(HTML) 66 Page - SMSC Corporation |
66 / 82 page Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology Datasheet Revision 1.4 (08-23-12) 66 SMSC LAN8710A/LAN8710Ai DATASHEET Chapter 5 Operational Characteristics 5.1 Absolute Maximum Ratings* Supply Voltage (VDDIO, VDD1A, VDD2A) (Note 5.1) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +3.6V Digital Core Supply Voltage (VDDCR) (Note 5.1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +1.5V Ethernet Magnetics Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +3.6V Positive voltage on signal pins, with respect to ground (Note 5.2) . . . . . . . . . . . . . . . . . . . . . . . . . . +6V Negative voltage on signal pins, with respect to ground (Note 5.3) . . . . . . . . . . . . . . . . . . . . . . . . -0.5V Positive voltage on XTAL1/CLKIN, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.6V Positive voltage on XTAL2, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.5V Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 5.40 Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +150oC Junction to Ambient ( θ JA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..48.3C/W Junction to Case ( θ JC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10.6 oC/W Lead Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020 HBM ESD Performance per JEDEC JESD22-A114. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Class 3A IEC61000-4-2 Contact Discharge ESD Performance (Note 5.5) . . . . . . . . . . . . . . . . . . . . . . . . . .+/-8kV IEC61000-4-2 Air-Gap Discharge ESD Performance (Note 5.5) . . . . . . . . . . . . . . . . . . . . . . . . .+/-15kV Latch-up Performance per EIA/JESD 78 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+/-150mA Note 5.1 When powering this device from laboratory or system power supplies, it is important that the absolute maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their outputs when AC power is switched on or off. In addition, voltage transients on the AC power line may appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be used. Note 5.2 This rating does not apply to the following pins: XTAL1/CLKIN, XTAL2, RBIAS. Note 5.3 This rating does not apply to the following pins: RBIAS. Note 5.4 0oC to +85oC for extended commercial version, -40oC to +85oC for industrial version. Note 5.5 Performed by independent 3rd party test facility. *Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional operation of the device at any condition exceeding those indicated in Section 5.2, "Operating Conditions**", Section 5.1, "Absolute Maximum Ratings*", or any other applicable section of this specification is not implied. Note, device signals are NOT 5 volt tolerant unless specified otherwise. |
유사한 부품 번호 - LAN8710A-EZC |
|
유사한 설명 - LAN8710A-EZC |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |