์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN8710A-EZC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 70 Page - SMSC Corporation

๋ถ€ํ’ˆ๋ช… LAN8710A-EZC
์ƒ์„ธ๋‚ด์šฉ  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SMSC [SMSC Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.smsc.com
Logo 

LAN8710A-EZC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 70 Page - SMSC Corporation

Zoom Inzoom in Zoom Outzoom out
/ 82 page
 70 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWRยฎ Technology
Datasheet
Revision 1.4 (08-23-12)
70
SMSC LAN8710A/LAN8710Ai
DATASHEET
Note 5.13 Min/max voltages guaranteed as measured with 100
ฮฉ resistive load.
5.5
AC Specifications
This section details the various AC timing specifications of the device.
Note: The MII/SMI timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3
specification for additional timing information.
Note: The RMII timing adheres to the RMII Consortium RMII Specification R1.2.
5.5.1
Equivalent Test Load
Output timing specifications assume a 25pF equivalent test load, unless otherwise noted, as illustrated
in Figure 5.1 below.
Table 5.5 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 5.13
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
Figure 5.1 Output Equivalent Test Load
25 pF
OUTPUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn