전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8710A-EZC 데이터시트(PDF) 81 Page - SMSC Corporation

부품명 LAN8710A-EZC
상세설명  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A-EZC 데이터시트(HTML) 81 Page - SMSC Corporation

Back Button LAN8710A-EZC Datasheet HTML 74Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 75Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 76Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 77Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 78Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 79Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 80Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 81Page - SMSC Corporation LAN8710A-EZC Datasheet HTML 82Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
81
Revision 1.4 (08-23-12)
DATASHEET
Chapter 7 Datasheet Revision History
Table 7.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.4
(08-23-12)
Section 4.2.2, "Basic Status
Register," on page 53
Updated definitions of bits 10:8.
Section 4.2.11, "Special
Control/Status Indications
Register," on page 62
Updated bit 11 definition.
Section 4.2.14, "PHY
Special Control/Status
Register," on page 65
Updated bit 6 definition.
Rev. 1.3
(03-12-12)
Company disclaimer on
page 2
Removed company address and phone numbers.
Cover
Ordering information modified.
Rev. 1.3
(04-20-11)
Cover
Added copper bond wire ordering codes to
LAN8710 ordering codes
Table 2.7, “Power Pins,” on
page 16
Updated VDDCR pin note to include requirement
of 1uF and 470pF decoupling capacitors in parallel
to ground on the VDDCR pin.
Figure 3.13 Power Supply
Diagram (1.2V Supplied by
Internal Regulator) on
page 46 and Figure 3.13
Power Supply Diagram
(1.2V Supplied by Internal
Regulator) on page 46
Updated diagrams to include 1uF and 470pF
decoupling capacitors on the VDDCR pin.
Table 4.2.9, “Special Modes
Register,” on page 60
Updated MIIMODE bit description and added note:
“When writing to this register the default value of
this bit must always be written back.”
Section 3.7.3, "RMIISEL:
MII/RMII Mode
Configuration," on page 37
Updated second paragraph to:
“When the nRST pin is deasserted, the MIIMODE
bit of the Special Modes Register is loaded
according to the RMIISEL configuration strap. The
mode is reflected in the MIIMODE bit of the Special
Modes Register.”
Section 3.8.9.2, "Far
Loopback," on page 43
Updated section to defeature information about
register control of the MII/RMII mode.
Rev. 1.2 (11-10-10)
Section 5.5.5, "RMII
Interface Timing," on
page 75
Updated diagrams and tables to include RXER.
Figure 6.1 32-QFN Package
on page 78 & Figure 6.2
Recommended PCB Land
Pattern on page 79
Updated package drawings.
Section 5.5.5, "RMII
Interface Timing," on
page 75
Corrected signal names on RMII timing diagrams
and tables.


유사한 부품 번호 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results

유사한 설명 - LAN8710A-EZC

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com