전자부품 데이터시트 검색엔진 |
|
LAN8710A-EZC 데이터시트(PDF) 82 Page - SMSC Corporation |
|
LAN8710A-EZC 데이터시트(HTML) 82 Page - SMSC Corporation |
82 / 82 page Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology Datasheet Revision 1.4 (08-23-12) 82 SMSC LAN8710A/LAN8710Ai DATASHEET Section 5.5.4, "MII Interface Timing," on page 73 Corrected signal names on MII timing diagrams and tables. Updated Table 5.8 tval max to 28.0 ns. Updated Table 5.9 tsu and thold values to 12.0 ns and 0 ns, respectively. Table 5.7, “Power-On nRST & Configuration Strap Timing Values,” on page 72 Updated todad description: “Output drive after nRST deassertion” Rev. 1.1 (04-09-10) Section 5.1, "Absolute Maximum Ratings*" Modified “HBM ESD Performance by adding “per JEDEC JESD22-A114” and changed “+/-5kV” to “Class 3A” Section 5.3, "Power Consumption," on page 67 Corrected typo in the current consumption table row title: “100BASE-TX /W TRAFFIC” Section 5.3, "Power Consumption," on page 67 Corrected typo in note regarding Ethernet component current: “The Ethernet component current is typically 41mA in 100BASE-TX mode and 100mA in 10BASE-T mode, independent of the 2.5V or 3.3V supply rail of the transformer.” Table 5.2, “Non-Variable I/O Buffer Characteristics,” on page 68 Corrected O12 VOH minimum value to “VDD2A - 0.4” Corrected ICLK VILI maximum value to “0.35” Corrected ICLK VIHI maximum value to “VDD2A + 0.4” Section 5.2, "Operating Conditions**," on page 67 Added note: “Do not drive input signals without power supplied to the device.” Section 5.1, "Absolute Maximum Ratings*," on page 66 Corrected IEC61000-4-2 Contact Discharge ESD Performance to +/-8kV. Section 4.2.4, "PHY Identifier 2 Register," on page 55 Corrected Model Number default value to “001111b”. Section 3.8.9.2, "Far Loopback," on page 43 Added far loopback description. Section 4.2.8, "Mode Control/Status Register," on page 59 Added FARLOOPBACK (bit 9) description. Table 5.9, “MII Transmit Timing Values,” on page 74 Corrected tsu and thold minimum values to 10 ns. Rev. 1.0 (12-09-09) Document reworked for clarity and consistency with other SMSC documentation. Rev. 1.0 (04-15-09) Initial Release Table 7.1 Customer Revision History (continued) REVISION LEVEL & DATE SECTION/FIGURE/ENTRY CORRECTION |
유사한 부품 번호 - LAN8710A-EZC |
|
유사한 설명 - LAN8710A-EZC |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |