전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD37A19FVM-TR 데이터시트(PDF) 3 Page - Rohm

부품명 BD37A19FVM-TR
상세설명  Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD37A19FVM-TR 데이터시트(HTML) 3 Page - Rohm

  BD37A19FVM-TR Datasheet HTML 1Page - Rohm BD37A19FVM-TR Datasheet HTML 2Page - Rohm BD37A19FVM-TR Datasheet HTML 3Page - Rohm BD37A19FVM-TR Datasheet HTML 4Page - Rohm BD37A19FVM-TR Datasheet HTML 5Page - Rohm BD37A19FVM-TR Datasheet HTML 6Page - Rohm BD37A19FVM-TR Datasheet HTML 7Page - Rohm BD37A19FVM-TR Datasheet HTML 8Page - Rohm BD37A19FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/15
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
TSZ02201-0T2T0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
*1
VDD
−0.3 to 10
V
CT pin voltage
VCT
−0.3 to VDD + 0.3
V
CTW pin voltage
VCTW
−0.3 to VDD + 0.3
V
RESET pin voltage
VRESET
−0.3 to VDD + 0.3
V
INH pin voltage
VINH
−0.3 to VDD + 0.3
V
CLK pin voltage
VCLK
−0.3 to VDD + 0.3
V
Power dissipation
Pd
470
*2
mW
550
*3
Operating ambient temperature
Topr
−40 to + 105
Storage temperature
Tstg
−55 to + 125
Maximum junction temperature
Tjmax
125
*1
Do not exceed Pd.
*2
MSOP8 : Reduced by 4.70 mW/℃ over 25℃, when mounted on a glass epoxy board (70 mm × 70 mm × 1.6 mm).
*3
SOP8
: Reduced by 5.50 mW/℃ over 25℃, when mounted on a glass epoxy board (70 mm × 70 mm × 1.6 mm).
●Recommended Operating Ratings(Ta =
−40℃ to 105℃)
Parameter
Symbol
Min.
Max.
Unit
RESET power supply voltage
VDD RESET
1.0
10
V
WDT power supply voltage
VDD WDT
2.5
10
V
●Electrical Characteristics
(Unless otherwise specified, Ta =
−40℃ to 105℃, VDD = 5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
[Overall]
Total supply current 1
(during WDT operation)
IDD1
5
14
µA
INH : WDT ON Logic Input
CTW = 0.1µF
Total supply current 2
(when WDT stopped)
IDD2
5
14
µA
INH : WDT OFF Logic Input
Output leak current
Ileak
1
µA
VDD = VDS = 10V
Output current capacity
IOL
0.7
mA
VDD = 1.2V, VDS = 0.5V
[RESET]
Detection
voltage 1
1.9V Detect
VDET1
1.871
1.900
1.929
V
Ta = 25℃
2.8V Detect
VDET1
2.758
2.800
2.842
V
Ta = 25℃
2.9V Detect
VDET1
2.886
2.930
2.974
V
Ta = 25℃
3.4V Detect
VDET1
3.349
3.400
3.451
V
Ta = 25℃
4.1V Detect
VDET1
4.039
4.100
4.162
V
Ta = 25℃
Detection
voltage 2
1.9V Detect
VDET2
1.852
1.900
1.948
V
Ta =
−40℃ to 105℃
2.8V Detect
VDET2
2.730
2.800
2.870
V
Ta =
−40℃ to 105℃
2.9V Detect
VDET2
2.857
2.930
3.003
V
Ta =
−40℃ to 105℃
3.4V Detect
VDET2
3.315
3.400
3.485
V
Ta =
−40℃ to 105℃
4.1V Detect
VDET2
4.007
4.100
4.202
V
Ta =
−40℃ to 105℃
Hysteresis
width
1.9V Detect
Vrhys
VDET×0.03
VDET×0.13
VDET×0.19
V
Ta=
−40℃~105℃
2.8V Detect
Vrhys
VDET×0.018
VDET×0.045
VDET×0.060
V
Ta=
−40℃~105℃
2.9V Detect
Vrhys
VDET×0.02
VDET×0.05
VDET×0.06
V
Ta=
−40℃~105℃
3.4V Detect
Vrhys
VDET×0.02
VDET×0.05
VDET×0.07
V
Ta=
−40℃~105℃
4.1V Detect
Vrhys
VDET×0.018
VDET×0.035
VDET×0.050
V
Ta=
−40℃~105℃


유사한 부품 번호 - BD37A19FVM-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
More results

유사한 설명 - BD37A19FVM-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
   Watchdog timer built-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com