전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW45NC60WD 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STGW45NC60WD
상세설명  45 A - 600 V ultra fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW45NC60WD 데이터시트(HTML) 4 Page - STMicroelectronics

  STGW45NC60WD Datasheet HTML 1Page - STMicroelectronics STGW45NC60WD Datasheet HTML 2Page - STMicroelectronics STGW45NC60WD Datasheet HTML 3Page - STMicroelectronics STGW45NC60WD Datasheet HTML 4Page - STMicroelectronics STGW45NC60WD Datasheet HTML 5Page - STMicroelectronics STGW45NC60WD Datasheet HTML 6Page - STMicroelectronics STGW45NC60WD Datasheet HTML 7Page - STMicroelectronics STGW45NC60WD Datasheet HTML 8Page - STMicroelectronics STGW45NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGW45NC60WD
4/14
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
Static (electrical characteristics)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(BR)CES
Collector-emitter breakdown
voltage (VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15 V, IC= 30 A
VGE= 15 V, IC= 30 A, Tc= 125 °C
2.1
1.9
2.6
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector-emitter leakage
current (VGE = 0)
VCE = 600 V
VCE = 600 V, Tc=125 °C
500
5
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
±100
nA
gfs
(1)
1.
Pulsed: pulse duration = 300 ìs, duty cycle 1.5%
Forward transconductance
VCE = 15 V, IC= 30 A
20
S
Table 5.
Dynamic (electrical characteristics)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz, VGE= 0
2900
298
59
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 30 A,
VGE = 15 V,
(see Figure 18)
126
16
46
nC
nC
nC


유사한 부품 번호 - STGW45NC60WD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
More results

유사한 설명 - STGW45NC60WD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW45HF60WD STMICROELECTRONICS-STGW45HF60WD Datasheet
468Kb / 12P
   45 A, 600 V ultra fast IGBT
April 2010 Rev 3
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
   45 A, 600 V ultra fast IGBT with low drop diode
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
   30 A, 600 V ultra fast IGBT
Rev 5 November 2008
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com