전자부품 데이터시트 검색엔진 |
|
93AA76A 데이터시트(PDF) 3 Page - Microchip Technology |
|
93AA76A 데이터시트(HTML) 3 Page - Microchip Technology |
3 / 36 page 2003-2012 Microchip Technology Inc. DS21796M-page 3 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C TABLE 1-2: AC CHARACTERISTICS All parameters apply over the specified ranges unless otherwise noted. Industrial (I): TA = -40°C to +85°C, VCC = +1.8V to 5.5V Automotive (E): TA = -40°C to +125°C, VCC = +2.5V to 5.5V Param. No. Symbol Parameter Min Max Units Conditions A1 FCLK Clock frequency — 3 2 1 MHz MHz MHz 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V A2 TCKH Clock high time 200 250 450 —ns ns ns 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V A3 TCKL Clock low time 100 200 450 —ns ns ns 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V A4 TCSS Chip Select setup time 50 100 250 —ns ns ns 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V A5 TCSH Chip Select hold time 0 — ns 1.8V VCC < 5.5V A6 TCSL Chip Select low time 250 — ns 1.8V VCC < 5.5V A7 TDIS Data input setup time 50 100 250 —ns ns ns 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V A8 TDIH Data input hold time 50 100 250 —ns ns ns 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V A9 TPD Data output delay time — 100 250 400 ns ns ns 4.5V VCC < 5.5V, CL = 100 pF 2.5V VCC < 4.5V, CL = 100 pF 1.8V VCC < 2.5V, CL = 100 pF A10 TCZ Data output disable time — 100 200 ns ns 4.5V VCC < 5.5V, (Note 1) 1.8V VCC < 4.5V, (Note 1) A11 TSV Status valid time — 200 300 500 ns ns ns 4.5V VCC < 5.5V, CL = 100 pF 2.5V VCC < 4.5V, CL = 100 pF 1.8V VCC < 2.5V, CL = 100 pF A12 TWC Program cycle time — 5 ms Erase/Write mode (AA and LC versions) A13 TWC — 2 ms Erase/Write mode (93C versions) A14 TEC — 6 ms ERAL mode, 4.5V VCC 5.5V A15 TWL — 15 ms WRAL mode, 4.5V VCC 5.5V A16 — Endurance 1M — cycles 25°C, VCC = 5.0V, (Note 2) Note 1: This parameter is periodically sampled and not 100% tested. 2: This application is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model, which may be obtained from Microchip’s web site at www.microchip.com. |
유사한 부품 번호 - 93AA76A_12 |
|
유사한 설명 - 93AA76A_12 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |