전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1025MTC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FIN1025MTC
상세설명  3.3V LVDS 2-Bit High Speed Differential Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1025MTC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FIN1025MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1025MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1025MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1025MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1025MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1025MTC Datasheet HTML 6Page - Fairchild Semiconductor FIN1025MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500783
www.fairchildsemi.com
June 2002
Revised June 2002
FIN1025
3.3V LVDS 2-Bit High Speed Differential Driver
General Description
This dual driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates LVTTL signal levels to LVDS lev-
els with a typical differential output swing of 350mV which
provides low EMI at ultra low power dissipation even at
high frequencies. This device is ideal for high speed trans-
fer of clock and data.
The FIN1025 can be paired with its companion receiver,
the FIN1026, or any other LVDS receiver.
Features
s Greater than 400Mbs data rate
s Flow-through pinout simplifies PCB layout
s 3.3V power supply operation
s 0.4ns maximum differential pulse skew
s 1.7ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Meets or exceeds the TIA/EIA-644 LVDS standard
s 14-Lead TSSOP package saves space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Truth Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Order Number
Package Number
Package Description
FIN1025MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
DIN1, DIN2,
LVTTL Data Inputs
DOUT1+, DOUT2+
Non-Inverting Driver Outputs
DOUT1−, DOUT2−
Inverting Driver Outputs
EN
Driver Enable Pin
EN
Inverting Driver Enable Pin
VCC
Power Supply
GND
Ground
NC
No Connect
Inputs
Outputs
EN
EN
DIN
DOUT+
DOUT−
HL or OPEN
H
H
L
HL or OPEN
L
L
H
H
L or OPEN
OPEN
L
H
XH
X
Z
Z
L or OPEN
X
X
Z
Z


유사한 부품 번호 - FIN1025MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1022M FAIRCHILD-FIN1022M Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1022MTC FAIRCHILD-FIN1022MTC Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026MTC FAIRCHILD-FIN1026MTC Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
More results

유사한 설명 - FIN1025MTC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com