전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1047MTC 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FIN1047MTC
상세설명  3.3V LVDS 4-Bit Flow-Through
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1047MTC 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FIN1047MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 6Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 7Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 8Page - Fairchild Semiconductor FIN1047MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 3: For transient conditions when t
≤ 5ns and I
IN ≤ −100 mA, VILmin = −1.0V.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VIN)
−0.5V to +6V
DC Input Voltage (VOUT)
−0.5V to 4.6V
Driver Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)
150
°C
Lead Temperature (TL)
260
°C
(Soldering, 10 seconds)
ESD (Human Body Model)
≥ 9000V
ESD (Machine Model)
≥ 1200V
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VOD
Output Differential Voltage
250
340
450
mV
∆V
OD
VOD Magnitude Change from
1.4
25
mV
Differential LOW-to-HIGH
RL = 100Ω, Driver Enabled,
VOS
Offset Voltage
See Figure 1
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from
1.2
25
mV
Differential LOW-to-HIGH
VOH
HIGH Output Voltage
VIN = VCC
1.4
1.6
V
VOL
LOW Output Voltage
VIN = 0V
0.9
1.05
V
IOFF
Power Off Output Current
VCC = 0V, VOUT = 0V or 3.6V
−20
20
µA
IOS
Short Circuit Output Current
VOUT = 0V, Driver Enabled
−3
−6
mA
VOD = 0V, Driver Enabled
−3.5
−6
VIH
Input HIGH Voltage
2.0
VCC + 1.0
V
VIL
Input LOW Voltage (Note 3)
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
−20
20
µA
IOZ
Disabled Output Leakage Current
VOUT = 0V or 4.6V
−20
20
µA
II(OFF)
Power-Off Input Current
VCC = 0V, VIN = 0V or 3.6V
−20
20
µA
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
−0.7
V
ICC
Power Supply Current
No Load, VIN = 0V or VCC, Driver Enabled
5
8
mA
RL = 100 Ω, Driver Disabled
1.7
4
RL = 100 Ω, VIN = 0V or VCC, Driver Enabled
16
22
IPU/PD
Output Power Up/Power Down
VCC = 0V or 1.5V
−20
20
µA
High Z Leakage Current


유사한 부품 번호 - FIN1047MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1047MTC FAIRCHILD-FIN1047MTC Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
logo
ON Semiconductor
FIN1047MTC ONSEMI-FIN1047MTC Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
More results

유사한 설명 - FIN1047MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
logo
ON Semiconductor
FIN1048 ONSEMI-FIN1048 Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
logo
ON Semiconductor
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com