전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1101 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FIN1101
상세설명  LVDS Single Port High Speed Repeater
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1101 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FIN1101 Datasheet HTML 1Page - Fairchild Semiconductor FIN1101 Datasheet HTML 2Page - Fairchild Semiconductor FIN1101 Datasheet HTML 3Page - Fairchild Semiconductor FIN1101 Datasheet HTML 4Page - Fairchild Semiconductor FIN1101 Datasheet HTML 5Page - Fairchild Semiconductor FIN1101 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500654
www.fairchildsemi.com
January 2002
Revised September 2002
FIN1101
LVDS Single Port High Speed Repeater
General Description
This single port repeater is designed for high speed inter-
connects
utilizing
Low
Voltage
Differential
Signaling
(LVDS) technology. It accepts and outputs LVDS levels
with a typical differential output swing of 330 mV which pro-
vides low EMI at ultra low power dissipation even at high
frequencies. It can directly accept multiple differential I/O
including: LVPECL, HSTL, and SSTL-2 for translating
directly to LVDS.
Features
s Up to 1.6 Gb/s full differential path
s 3.5 ps max random jitter and 135 ps max deterministic
jitter
s 3.3V power supply operation
s Wide rail-to-rail common mode range
s Ultra low power consumption
s LVDS receiver inputs accept LVPECL, HSTL, and
SSTL-2 directly
s Power off protection
s 7 kV HBM ESD protection (all pins)
s Meets or exceed the TA/EIA-644-A LVDS standard
s Packaged in 8-pin SOIC and US8
s Open circuit fail safe protection
Ordering Code:
Connection Diagrams
SOIC Package
US8 Package
Functional Diagram
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Order Number
Package Number
Package Description
FIN1101M
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TUBE]
FIN1101MX
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TAPE and REEL]
FIN1101K8X
MAB08A
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
[TAPE and REEL]
Pin Name
Description
RIN+
Non-Inverting LVDS Inputs
RIN−
Inverting LVDS Inputs
DOUT+
Non-Inverting Driver Outputs
DOUT−
Inverting Driver Outputs
EN
Driver Enable Pin
VCC
Power Supply
GND
Ground
Inputs
Outputs
EN
RIN+
RIN−
DOUT+
DOUT−
HH
L
H
L
HL
H
L
H
H
Fail Safe Case
H
L
LX
X
Z
Z


유사한 부품 번호 - FIN1101

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1101K8X ONSEMI-FIN1101K8X Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1101M ONSEMI-FIN1101M Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1101MX ONSEMI-FIN1101MX Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
More results

유사한 설명 - FIN1101

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
   LVDS 8 Port High Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com