전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD817AR-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD817AR-REEL
상세설명  High Speed, Low Power Wide Supply Range Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD817AR-REEL 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD817AR-REEL Datasheet HTML 3Page - Analog Devices AD817AR-REEL Datasheet HTML 4Page - Analog Devices AD817AR-REEL Datasheet HTML 5Page - Analog Devices AD817AR-REEL Datasheet HTML 6Page - Analog Devices AD817AR-REEL Datasheet HTML 7Page - Analog Devices AD817AR-REEL Datasheet HTML 8Page - Analog Devices AD817AR-REEL Datasheet HTML 9Page - Analog Devices AD817AR-REEL Datasheet HTML 10Page - Analog Devices AD817AR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD817
REV. B
–7–
SUPPLY VOLTAGE – Volts
0.05
0.03
0.04
0.04
0.1
0.06
0.08
±15
±5
±10
DIFF GAIN
DIFF PHASE
Figure 19. Differential Gain and Phase vs.
Supply Voltage
FREQUENCY – Hz
100k
1M
100M
10M
5
0
–5
–1
–2
–3
–4
1
2
3
4
V
S = ±5V
V
S = +5V
V
S = ±15V
V
S
±15V
±5V
+5V
C
C
3pF
4pF
6pF
0.1dB
FLATNESS
16MHz
14MHz
12MHz
V
OUT
V
IN
1k
1k
C
C
Figure 20. Closed-Loop Gain vs. Frequency,
Gain = –1
FREQUENCY – Hz
100k
1M
100M
10M
5
0
–5
–1
–2
–3
–4
1
2
3
4
V
S = ±5V
V
S = +5V
V
S = ±15V
V
S
±15V
±5V
+5V
0.1dB
FLATNESS
70MHz
26MHz
17MHz
V
OUT
V
IN
1k
150
Figure 21. Closed-Loop Gain vs. Frequency,
Gain = +1
+V
S
TEKTRONIX
P6201 FET
PROBE
HP
PULSE (LS)
OR FUNCTION
(SS)
GENERATOR
100
50
1k
R
L
V
OUT
0.01
µF
3.3
µF
–V
S
V
IN
TEKTRONIX
7A24
PREAMP
AD817
7
6
3
2
4
0.01
µF
3.3
µF
Figure 22. Noninverting Amplifier Connection
10
90
100
0%
50ns
5V
5V
Figure 23. Noninverting Large Signal Pulse
Response, RL = 1 kΩ
10
90
100
0%
20ns
200mV
200mV
Figure 24. Noninverting Small Signal Pulse
Response, RL = 1 kΩ


유사한 부품 번호 - AD817AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD817AR AD-AD817AR Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR AD-AD817AR Datasheet
208Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results

유사한 설명 - AD817AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ANZ AD-AD817ANZ Datasheet
208Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com