전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7872KRZ-REEL 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7872KRZ-REEL
상세설명  LC2MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7872KRZ-REEL 데이터시트(HTML) 1 Page - Analog Devices

  AD7872KRZ-REEL Datasheet HTML 1Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 2Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 3Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 4Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 5Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 6Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 7Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 8Page - Analog Devices AD7872KRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Complete 14-Bit, Sampling ADCs
AD7871/AD7872
FEATURES
Complete Monolithic 14-Bit ADC
2s Complement Coding
Parallel, Byte and Serial Digital Interface
80 dB SNR at 10 kHz Input Frequency
57 ns Data Access Time
Low Power—50 mW typ
83 kSPS Throughput Rate
16-Lead SOIC (AD7872)
APPLICATIONS
Digital Signal Processing
High Speed Modems
Speech Recognition and Synthesis
Spectrum Analysis
DSP Servo Control
GENERAL DESCRIPTION
The AD7871 and AD7872 are fast, complete, 14-bit analog-to-
digital converters. They consist of a track/hold amplifier,
successive-approximation ADC, 3 V buried Zener reference and
versatile interface logic. The ADC features a self-contained, laser
trimmed internal clock, so no external clock timing components
are required. The on-chip clock may be overridden to synchronize
ADC operation to the digital system for minimum noise.
The AD7871 offers a choice of three data output formats: a sin-
gle, parallel, 14-bit word; two 8-bit bytes or a 14-bit serial data
stream. The AD7872 is a serial output device only. The two
parts are capable of interfacing to all modern microprocessors
and digital signal processors.
The AD7871 and AD7872 operate from
±5 V power supplies,
accept bipolar input signals of
±3 V and can convert full power
signals up to 41.5 kHz.
In addition to the traditional dc accuracy specifications, the
AD7871 and AD7872 are also fully specified for dynamic perfor-
mance parameters including distortion and signal-to-noise ratio.
Both devices are fabricated in Analog Devices’ LC
2MOS mixed
technology process. The AD7871 is available in 28-pin plastic DIP
and PLCC packages. The AD7872 is available in a 16-pin plastic
DIP, hermetic DIP and 16-lead SOIC packages.
FUNCTIONAL BLOCK DIAGRAMS
PRODUCT HIGHLIGHTS
1. Complete 14-Bit ADC on a Chip.
2. Dynamic Specifications for DSP Users.
3. Low Power.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997


유사한 부품 번호 - AD7872KRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7872KR AD-AD7872KR Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872KR AD-AD7872KR Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

유사한 설명 - AD7872KRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com