전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7980BRMZRL7 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7980BRMZRL7
상세설명  16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7980BRMZRL7 데이터시트(HTML) 4 Page - Analog Devices

  AD7980BRMZRL7 Datasheet HTML 1Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 2Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 3Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 4Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 5Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 6Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 7Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 8Page - Analog Devices AD7980BRMZRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7980
Rev. B | Page 4 of 28
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = –40°C to +125°C, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
REFERENCE
Voltage Range
2.4
5.1
V
Load Current
1 MSPS, REF = 5 V
330
μA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
10
MHz
Aperture Delay
VDD = 2.5 V
2.0
ns
DIGITAL INPUTS
Logic Levels
VIL
VIO > 3V
–0.3
0.3 × VIO
V
VIH
VIO > 3V
0.7 × VIO
VIO + 0.3
V
VIL
VIO ≤ 3V
–0.3
0.1 × VIO
VIH
VIO ≤ 3V
0.9 × VIO
VIO + 0.3
μA
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format
Serial 16 bits straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = 500 μA
0.4
V
VOH
ISOURCE = −500 μA
VIO − 0.3
V
POWER SUPPLIES
VDD
2.375
2.5
2.625
V
VIO
Specified performance
2.3
5.5
V
VIO Range
1.8
5.5
V
Standby Current1, 2
VDD and VIO = 2.5 V, 25°C
0.35
nA
Power Dissipation
10 kSPS throughput
70
μW
1 MSPS throughput, B Grade
7.0
9.0
mW
1 MSPS throughput, A Grade
7.0
10
mW
Energy per Conversion
7.0
nJ/sample
TEMPERATURE RANGE3
Specified Performance
TMIN to TMAX
−40
+125
°C
1 With all digital inputs forced to VIO or GND as required.
2 During the acquisition phase.
3 Contact sales for extended temperature range.


유사한 부품 번호 - AD7980BRMZRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
More results

유사한 설명 - AD7980BRMZRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com