전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8001ARTZ-REEL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8001ARTZ-REEL7
상세설명  800 MHz, 50 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8001ARTZ-REEL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8001ARTZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8001ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. D
AD8001
–6–
0
–5
–35
100M
1G
3G
–10
–15
–20
–25
–30
FREQUENCY – Hz
5
VIN = –26dBm
RF = 909
TPC 13. Frequency Response, G = +1
1
–4
–9
10M
1G
100M
2M
–3
–2
–1
0
–8
–7
–6
–5
FREQUENCY – Hz
G = +1
RL = 100
VIN = 50mV
RF = 649
RF = 953
TPC 14. Flatness, R Package, G = +1 (for N Package Add
100
Ω to RF)
–40
–60
–110
100k
100M
10M
1M
10k
–50
–80
–70
–100
–90
FREQUENCY – Hz
G = +1
RL = 1k
VOUT = 2V p-p
SECOND HARMONIC
THIRD HARMONIC
TPC 15. Distortion vs. Frequency, RL = 1 k
1000
900
500
600
700
1100
800
900
800
700
600
1000
VALUE OF FEEDBACK RESISTOR (RF) –
N PACKAGE
R PACKAGE
VIN = 50mV
RL = 100
G = +1
TPC 16. –3 dB Bandwidth vs. RF, G = +1
FREQUENCY – Hz
10k
100k
1M
10M
100M
–40
–70
–100
–80
–90
–60
–50
RL = 100
G = +1
VOUT = 2V p-p
SECOND HARMONIC
THIRD HARMONIC
TPC 17. Distortion vs. Frequency, RL = 100
3
–9
–24
1M
100M
10M
–12
–15
–6
–3
FREQUENCY – Hz
–27
0
–18
–21
RL = 100
G = +1
TPC 18. Large Signal Frequency Response, G = +1


유사한 부품 번호 - AD8001ARTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ART-REEL AD-AD8001ART-REEL Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8001ART-REEL7 AD-AD8001ART-REEL7 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
More results

유사한 설명 - AD8001ARTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com