전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8018AR-REEL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8018AR-REEL7
상세설명  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8018AR-REEL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8018AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8018AR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
REV. A
AD8018
–6–
500
500
500
500
25
AD8138
50
500
750
750
6V
6V
VS
VS
10 F0.1 F
220 F
0.1 F
RL
VSIGIN
6V
0.1 F
6V
0.1 F
7.96k
7.96k
402
402
50
OUT
100
100
AD8018
1/2
AD8018
1/2
AD9632
0.1 F
10 F0.1 F
TPC 13. Differential Test Circuit
FREQUENCY – MHz
–110
0.01
0.1
–100
–90
–80
–70
–60
1.0
3RD HARMONIC
2ND HARMONIC
VOUT = 6V p–p
RL = 10
VS =
2.5V
PWDN 1,0 = 1,1
TPC 14. Differential Distortion vs. Frequency
PEAK OUTPUT CURRENT – mA
–110
200
2ND HARMONIC
300
400
500
600
700
800
–100
–90
–80
–70
–60
–50
3RD HARMONIC
VS = 2.5V
RL = 3
G = 4
fO = 100kHz
PWDN 1,0 = 1,1
TPC 15. Differential Distortion vs. Peak Output Current
LOAD RESISTANCE –
–110
510
100
–100
–90
–80
–70
–60
3RD HARMONIC
2ND HARMONIC
VS = 2.5V
G = 4
fO = 100kHz
VOUT = 6V p–p
TPC 16. Differential Distortion vs. RLOAD
OUTPUT VOLTAGE – Volts
–110
3
45
6
7
8
–100
–90
–80
–70
–60
3RD HARMONIC
2ND HARMONIC
VS = 2.5V
RL = 10
G = 4
fO = 100kHz
PWDN 1,0 = 1,1
TPC 17. Differential Distortion vs. Peak-to-Peak Output
Voltage
OUTPUT VOLTAGE – Volts
–110
3
3RD HARMONIC
45
6
7
8
–100
–90
–80
–70
–60
2ND HARMONIC
VS = 2.5V
RL = 10
G = 4
fO = 100kHz
PWDN 1,0 = 1,0 or 0,1
TPC 18. Differential Distortion vs. Peak-to-Peak Output
Voltage


유사한 부품 번호 - AD8018AR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8018AR-REEL AD-AD8018AR-REEL Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
More results

유사한 설명 - AD8018AR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018ARUZ AD-AD8018ARUZ Datasheet
326Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com