전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8184ARZ-REEL7 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8184ARZ-REEL7
상세설명  700 MHz, 5 mA 4-to-1 Video Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8184ARZ-REEL7 데이터시트(HTML) 4 Page - Analog Devices

  AD8184ARZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8184ARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. 0
AD8184–Typical Performance Curves
FREQUENCY – Hz
1M
10M
100M
1G
5
4
–5
3
2
1
0
–1
–2
–3
–4
VIN = 50mVrms
RL = 5kΩ
RS = 0Ω
Figure 6. Small Signal Frequency Response
–0.2
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
VIN = 50mVrms
RL = 5kΩ
RS = 0Ω
1M
10M
100M
1G
FREQUENCY – Hz
–0.3
–0.4
–0.5
Figure 7. Gain Flatness vs. Frequency
–27
–6
–9
–12
–15
–18
–21
–24
1M
10M
100M
1G
FREQUENCY – Hz
–3
0
3
VIN = 1.0Vrms
RL = 5kΩ
VIN = 0.5Vrms
VIN = 0.25Vrms
VIN = 125mVrms
VIN = 62.5mVrms
Figure 8. Large Signal Frequency Response
DUT OUT
500mV/DIV
5ns/DIV
1V
–1V
OUTPUT
A0 PULSE
0 TO 5V
Figure 3 Channel Switching Characteristics
DUT OUT
800mV/DIV
–1V
10ns/DIV
tOFF
+1V
–1V
+1V
tON
PULSE
0 TO 5V
Figure 4. Enable and Disable Switching Characteristics
25mV/DIV
25ns/DIV
OUTPUT
SWITCHING A0
OUTPUT
SWITCHING A1
A0 and A1 PULSE
0 TO +5V
Figure 5. Channel Switching Transient (Glitch)


유사한 부품 번호 - AD8184ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8184AR AD-AD8184AR Datasheet
227Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184AR-REEL AD-AD8184AR-REEL Datasheet
227Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
More results

유사한 설명 - AD8184ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8184 AD-AD8184 Datasheet
227Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184 AD-AD8184_15 Datasheet
230Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
logo
Tyco Electronics
A611 MACOM-A611 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
M/A-COM Technology Solu...
A611 MA-COM-A611_15 Datasheet
641Kb / 3P
   Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Zetex Semiconductors
ZXFV302EV ZETEX-ZXFV302EV Datasheet
114Kb / 3P
   4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com