전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ380F 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 2SJ380F
상세설명  Relay Drive, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ380F 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  2SJ380F Datasheet HTML 1Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 2Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 3Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 4Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 5Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ380
2009-09-29
4
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
−4
0
−80
160
80
−40
40
−1
−3
0
120
Common source
VDS = −10 V
ID = −1 mA
Pulse test
−2
Case temperature Tc (°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic Input/Output Characteristics
0
0
40
80
120
160
10
20
30
40
0
0
−40
−100
100
40
−20
−60
−80
20
60
80
VDS
VGS
−20 V
VDD = −80 V
−40 V
0
−8
−20
−4
−12
−16
Common source
ID = −12 A
Tc
= 25°C
Pulse test
−8
0
−80
160
40
−40
80
120
Common source
Pulse test
ID = −8 A
−2, −4
−2
−4
VGS = −4 V
VGS = −10 V
0
0.1
0.2
0.3
0.4
0.5
−0.3
01.0
0.8
0.2
Common source
Tc
= 25°C
Pulse test
0, 1
−1
VGS = −10 V
0.6
−1
−3
−10
−30
0.4
−2
−3
−5
−0.5
−5
30
−0.1
−100
−10
−0.3
Crss
−3
100
300
3000
−1
Coss
Ciss
−30
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
1000
5000
50
500


유사한 부품 번호 - 2SJ380F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ380 TOSHIBA-2SJ380 Datasheet
282Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, RELAY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ380 TOSHIBA-2SJ380 Datasheet
192Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SJ380 ISC-2SJ380 Datasheet
59Kb / 2P
   Low Drain-Source ON Resistance
logo
Toshiba Semiconductor
2SJ380 TOSHIBA-2SJ380 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - 2SJ380F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com